Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPF Datasheet(PDF) 11 Page - Luminus, Inc

Part # PT-121-R-L11-MPF
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPF Datasheet(HTML) 11 Page - Luminus, Inc

Back Button PT-121-R-L11-MPF Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 9Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 10Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 11Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 12Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 13Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 14Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 15Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
Thermal Resistance
TypicalThermal Resistance
R
θj-b
1
0.4º C/W
R
θb-hs
2
0.1 ºC/W
R
θj-hs
1,2
0.5 ºC/W
R
θj-ref
2
0.4 ºC/W
Tj
Tb
Ths
Ta
Tref
Window
Die Junction
Window Frame
Thermistor
Copper Core-Board
Thermal Interface Material
Heat Sink
Ths denition = 3 mm from core-board
Note 1:
Thermal resistance values are measured in accordance to JEDEC Standards JESD51-14 and JESD51-5x series.
Note 2:
Thermal Resistance is based on eGraf 1205 Thermal interface.
Thermistor Information
The thermistor (used in PT-121 devices are mounted on
coreboards) is from Murata Manufacturing Co. The global
part number is NCP18XH103J03RB.
Please contact Luminus for information on use of the
thermistor and for data in Excel format for temperature vs
resistance plot below.
Electrical Pinout
PT-121-TE Product Datasheet
0
25
50
75
100
125
0
5
10
15
20
Resistance (K ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com