Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20454 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MTC20454
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MTC20454 Datasheet HTML 3Page - STMicroelectronics MTC20454 Datasheet HTML 4Page - STMicroelectronics MTC20454 Datasheet HTML 5Page - STMicroelectronics MTC20454 Datasheet HTML 6Page - STMicroelectronics MTC20454 Datasheet HTML 7Page - STMicroelectronics MTC20454 Datasheet HTML 8Page - STMicroelectronics MTC20454 Datasheet HTML 9Page - STMicroelectronics MTC20454 Datasheet HTML 10Page - STMicroelectronics MTC20454 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
MTC20454
ANALOG TX/RX SIGNALS
The reference impedance for all power calculations is 100 Ohm.
DMT Signal
A DMT signal is basically the sum of N independently QAM modulated signals, each carried over a distinct
carrier. The frequency separation of each carrier is 4.3125 KHz with a total number of 256 carriers (ANSI).
For a large N, the signal can be modelled by a gaussian process with a certain amplitude probability den-
sity function. Since the maximum amplitude is expected to arise very rarely, the signal is clipped to trade-
off the resulting SNR loss against AD/DA dynamic range.
A clipping factor (Vpeak/Vrms = “crest factor”) of 5 is used resulting in a maximum SNR of 75 dB. ADSL
DMT signals are nominally sent at -40 dBm/Hz +/- 3 dB (-3.65 dBm/carrier) with a maximal power of 100
mW for downlink transmitter and 4.5 mW for uplink transmitter. The minimum SNR+D needed for DMT
carrier demodulation is about (3*N+20) dB with a minimum of 38 dB where N is the constellation size of a
carrier (in bits).
Block Diagram
The transformer has a 1:2 ratio. The termination resistors are 12.5 Ohm in case of 100 Ohm lines. The
hybrid bridge resistors should be < 2.5 kOhm for low-noise. An HP filter must be used on the TX path to
reduce DMT sidelobes and out-of- band noise influence on the receiver. On the RX path, a LP filter must
be used in order to reduce the echo signal level and to avoid saturation of the input stage of the receiver.
The POTS filter is used in both directions to reduce cross talk between ADSL signals and POTS speech
and signalling.
Figure 4. AFE Block Diagram (for detailed schematics see MTB20450-EBC reference design.)
DAC
276kHz
AAF
DAC
DAC
DAC
276kHz
AAF
276kHz
AAF
276kHz
AAF
1.1 mHz
HCDS
L0AGCtx
L0AGCrx
L0AACrx
L1AGCrx
L1AACrx
L2AGCrx
L2AACrx
L3AGCrx
L3AACrx
L1AGCtx
L2AGCtx
L3AGCtx
1.1 mHz
HCDS
1.1 mHz
HCDS
1.1 mHz
HCDS
Tuning circuit
L/V - Ref
CTRL/TST
ifce
ADC
Digital ifce
+
-
-
+
+
-
-
+
+
-
-
+
+
-
-
+
-
+
+
-
-
+
+
-
-
+
+
-
-
+
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com