Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20454 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MTC20454
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MTC20454 Datasheet HTML 7Page - STMicroelectronics MTC20454 Datasheet HTML 8Page - STMicroelectronics MTC20454 Datasheet HTML 9Page - STMicroelectronics MTC20454 Datasheet HTML 10Page - STMicroelectronics MTC20454 Datasheet HTML 11Page - STMicroelectronics MTC20454 Datasheet HTML 12Page - STMicroelectronics MTC20454 Datasheet HTML 13Page - STMicroelectronics MTC20454 Datasheet HTML 14Page - STMicroelectronics MTC20454 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MTC20454
12/15
Receive / Transmit Interface Timing
This interface is a triple (RX,TX, TXE) nibble-serial interface running at 8.8 MHz sampling (normal mode).
The data are represented in 16 bits format, and transferred in groups of 4 bits (nibbles). The LSBs are
transferred first. The MTC20454 generates a nibble clock (= master clock in normal mode, CLKNIB in
OSR = 2 mode) and word signals shared by the three interfaces.
Data is transmitted on the rising edge of the master clock (CLKM/CLKNIB) and sampled on the low going
edge of CLKM/CLKNIB. This holds for the data stream from MTC20454 and rom the digital processor. Da-
ta,
CLWD set-up and hold times are 5 ns with reference to the falling edge of CLKM/CLKNIB. RXD is sampled
with CLKM rising edge.
Figure 8. TX/RX Digital Interface Timing
Table 5. TX/RX Digital Interface timing
Reset Function
The MTC20454 is placed in reset mode when the RESETN pin is pulled to ground (active low signal). The
chip status is depicted in the following table:
Symbol
Parameter
Min
Typ
Max
Ts
Setup time
0.5 ns
-
-
Th
Hold time
0.2 ns
-
-
Tdv
Data valid
0.5 ns
-
4 ns
Reset
CLKM pin is replicating the CLKIN input clock. System clock available
CLKWD is not generated. The pin stays at high level
Digital blocks are in reset: no activity
Analog blocks are in powerdown
External driver is forced to powerdown
TXDx
N0
Tdv
N1
N2
N3
RXDx
CLKM
35.328Mhz
CLKWD
8.832Mhz
Th
Tdv
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com