Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-20-B-R35-EPB Datasheet(PDF) 6 Page - Luminus, Inc

Part # SFT-20-B-R35-EPB
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-20-B-R35-EPB Datasheet(HTML) 6 Page - Luminus, Inc

Back Button SFT-20-B-R35-EPB Datasheet HTML 2Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 3Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 4Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 5Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 6Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 7Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 8Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 9Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 10Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
PDS-002824 Rev 05© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Ct. • Sunnyvale, CA 94086 USA
SFT-20 Product Datsheet
Note 1:
Environmental temperature is assumed to be Ambient. (25C typ)
Note 2:
Due to the brief nature of this test, Tj (Juncton Temperature) is assumed to be ambient or approx 25C.
Note 3:
Luminus maintains a tolerance of +/- 6% on all flux or radiometric power measurements
STANDARDTEST CONDITION
All performance metrics of the SFT-Series of LED’s are characterized from a single current“PULSE”1,2,3
The typical pulse duration is 20ms, and the applied current is 1.4A.
Rise and Fall times of the signal are negligible.
1.4
I
f
A
2.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com