Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-20-B-R35-EPB Datasheet(PDF) 7 Page - Luminus, Inc

Part # SFT-20-B-R35-EPB
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-20-B-R35-EPB Datasheet(HTML) 7 Page - Luminus, Inc

Back Button SFT-20-B-R35-EPB Datasheet HTML 3Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 4Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 5Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 6Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 7Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 8Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 9Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 10Page - Luminus, Inc SFT-20-B-R35-EPB Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Optical & Electrical Characteristics
7
PDS-002824 Rev 05© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Ct. • Sunnyvale, CA 94086
SFT-20 Product Datasheet
General Characteristics
Symbol
Red -Amber
Converted
Green
Blue
Unit
Emitting Area
2.0
2.0
2.0
mm2
Emitting Area Dimensions
1.30 x 1.55
1.31 x 1.55
1.30 x 1.55
mm x mm
Performance at Standard Test Conditions (See definition on p5)
Peak Luminuous Flux 1,6
typ
Φ
v
240
520
80
lm
Peak Radiometric Flux 1,6
typ
Φ
r
0.80
1.0
1.7
W
Dominant Wavelength
min
λ
dmin
609
545
449
nm
typ
λ
d
613
555
455
max
λ
dmax
621
565
461
FWHM- Spectral bandwidth at 50%
of Φv
typ
16
98
19
nm
Chromaticity Coordinates 4, 5
typ
x
0.66
0.33
0.14
CIE x
typ
y
0.32
0.56
0.04
CIE y
Forward Voltage
min
V
F min
2.2
2.5
2.5
V
typ
V
F
2.5
3.0
3.0
max
V
F max
3.0
3.6
3.6
Correlated Performance in Typical Display Application (5.0A @ 40C Heatsink Temp @ Specified Duty Cycle) [Reference Only].
Reference Drive Current
typ
I
F
5.0
5.0
5.0
A
Reference Duty Cycle
typ
25
50
25
%
Luminous Flux 1,6
typ
Φ
v
600
1350
200
lm
Radiometric Flux 1,6
typ
Φ
r
2.2
2.8
4.2
W
Dominant Wavelength
typ
λ
d
613
555
453
nm
FWHM -Spectral bandwidth at 50%
of Φv
typ
15
99
19
Chromaticity Coordinates 4
typ
x
0.66
0.32
0.14
CIE x
0.33
0.55
0.04
CIE y
Forward Voltage
typ
V
F
3.6
3.5
3.4
V
Note 1: Luminus maintains a tolerance of +/- 6% on flux measurements
Note 2: Duty Cycle used to specify device ratings under Pulsed operation. SFT-Series of LEDs can operate at duty cycles ranging from 1% to 100%. At
higher duty cycles, drive current should be adjusted to maintain the junction temperature at desired levels to meet the application lifetime
requirements.
Note 3: In pulsed operation, rise time from 10 to 90% of forward current should be larger than 0.5 microseconds.
Note 4: CIE 1931 chromaticity diagram coordinates, normalized to X+Y+Z=1.
Note 5: For Reference only.
Note 6: For Reference only, actual received performance will depend on customer’s ordering part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com