Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2004 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2004
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2004 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2004 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
N-Ch MOSFET
Page 3
www.winsok.tw
Dec.2014
WST2004
Typical Performance Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
0.
0.2
3
0.
4
0.
0.50.6
7
0.
8
0.
9
0.
1.0
1
1.
1.2
200
250
300
350
400
450
500
2
1
4
3
5
100
200
300
400
500
600
700
800
1
0
3
2
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pulsed
Pulsed
T
a
=100℃
V
SD
I
S
——
T
a
=25℃
A
SOURCE TO DRAIN VOLTAGE
VOLT
SD
V)
(
V
GS
=4V,5V
V
GS
=3V
V
GS
=2.5V
V
GS
=2V
Output Characteristics
V
GS
=1.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=1.8V
T
a
=25℃
Pulsed
V
GS
=4.5V
V
GS
=2.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
—— I
D
R
DS(ON)
T
a
=100℃
T
a
=25℃
——
GATE TO SOURCE VOLTAGE
GATE
GS
(V)
V
GS
R
DS(ON)
I
D
=0.65A
V
DS
=3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com