Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2004 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2004
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2004 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2004 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2004 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
8
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
400
mA
IDM
Pulsed Drain Current
2
1.2
A
PD@TA=25℃
Total Power Dissipation
3
0.
150
W
TSTG
Storage Temperature Range
-55 to 150
℃
℃
BVDSS
RDSON
(TYP.)
ID (MAX)
20V
240mΩ
Features
Applications
Absolute Maximum Ratings
SOT
-723 Pin Configuration
Product Summery
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
WST2004
D
D
G
G
SS
11
22
33
Load/Power Switching
Interfacing Switching
Battery Management for Ultra Small
Portable Electronics
Logic Level Shift
Lead Free Product is Acquired
Surface Mount Package
N-Channel Switch with Low RDS(on)
Operated at Low Logic Level Gate Drive
20V
280mΩ
0.6A
20V
410mΩ
20V
450mΩ
823
Thermal Resistance from Junction to Ambient (note 1)
θJA
R
℃/W
Junction Temperature
TJ
TL
260
Lead Temperature for Soldering Purposes(1/8” from case for 10 s)
℃
150


Similar Part No. - WST2004

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2002 WIINSOK-WST2002 Datasheet
713Kb / 5P
N-Ch MOSFET
WST2005 WIINSOK-WST2005 Datasheet
1Mb / 6P
P-Ch MOSFET
WST2006 WIINSOK-WST2006 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
WST2007 WIINSOK-WST2007 Datasheet
1Mb / 5P
DUAL N-Channel MOSFET
WST2008 WIINSOK-WST2008 Datasheet
2Mb / 6P
Dual N-Channel MOSFET
More results

Similar Description - WST2004

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com