Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2005 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2005
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2005 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2005 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
consumption.
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@Tc=25℃
Continuous Drain Current, VGS @ -4.5V
1
-
1.6
A
IDM
Pulsed Drain Current
2
-
5
A
PD@TA=25℃
Total Power Dissipation
3
350
mW
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
BVDSS
RDSON
ID
-20V
155mΩ
-1.6A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
Features
Applications
High Frequency Point-of-Load Synchronous s
Small power switching for MB/NB/UMPC/VGA
A Switch and Battery Switch for Portable Devices
Load Switch
Absolute Maximum Ratings
SOT
-323 Pin Configuration
Product Summery
WST2005
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
General Description
The H is P-Channel enhancement mode power
MOSFET which is produced with high cell
density and DMOS trench technology .This
device particularly suits low voltage
applications, especially for battery powered
circuits, the tiny and thin outline saves PCB
are electrically identical.
-RoHS Compliant
D
D
G
G
S
1
1
2
2
3
3


Similar Part No. - WST2005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2002 WIINSOK-WST2002 Datasheet
713Kb / 5P
N-Ch MOSFET
WST2004 WIINSOK-WST2004 Datasheet
988Kb / 5P
N-Ch MOSFET
WST2006 WIINSOK-WST2006 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
WST2007 WIINSOK-WST2007 Datasheet
1Mb / 5P
DUAL N-Channel MOSFET
WST2008 WIINSOK-WST2008 Datasheet
2Mb / 6P
Dual N-Channel MOSFET
More results

Similar Description - WST2005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com