Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2005 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2005
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2005 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2005 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2005 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-20
---
---
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V , ID=-
1A
---
145
155
m
Ω
VGS=-2.5V , ID=-
0.5A
---
150
168
VGS=-1.8V , ID=-
0.3A
180
220
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-0.
4
-0.
7
-1
V
IDSS
Drain-Source Leakage Current
VDS=-
20V , VGS=0V , TJ=25℃
---
---
-1
uA
IGSS
Gate-Source Leakage Current
VGS=±
12V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-
2A
---
5
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-
6V , VGS=-4.5V , ID=-2.8A
---
4.9
--
nC
Qgs
Gate-Source Charge
---
0.
62
--
Qgd
Gate-Drain Charge
---
1.
07
--
Td(on)
Turn-On Delay Time
VDS=-6V , VGS=-4.5V ,
RGEN=6Ω, RL=6Ω,
---
10.1
--
ns
Tr
Rise Time
---
4.76
--
Td(off)
Turn-Off Delay Time
---
84.1
--
Tf
Fall Time
---
25.2
--
Ciss
Input Capacitance
VDS=-
6V , VGS=0V , f=1MHz
---
472
--
pF
Coss
Output Capacitance
---
71
--
Crss
Reverse Transfer Capacitance
---
51
--
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
WST2005
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
---



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com