Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ1060L36T Datasheet(PDF) 1 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Intelligent Power Module (IPM) 600 V, 10 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 1 Page - ON Semiconductor

  NFAQ1060L36T Datasheet HTML 1Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 2Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 3Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 4Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 5Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 6Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 7Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2019
January, 2020 − Rev. 1
1
Publication Order Number:
NFAQ1060L36T/D
Intelligent Power Module (IPM)
600 V, 10 A
NFAQ1060L36T
The NFAQ1060L36T is a fully−integrated inverter power stage
consisting of a high−voltage driver, six IGBT’s and a thermistor,
suitable for driving permanent magnet synchronous motors (PMSM),
brushless−DC (BLDC) motors and AC asynchronous motors. The
IGBT’s are configured in a 3−phase bridge with separate emitter
connections for the lower legs for maximum flexibility in the choice of
control algorithm. The power stage has a full range of protection
functions including cross−conduction protection, external shutdown
and under−voltage lockout functions. An internal comparator and
reference connected to the over−current protection circuit allows the
designer to set the over−current protection level.
Features
• Three−phase 10 A / 600 V IGBT Module with Integrated Drivers
• Compact 29.6 mm x 18.2 mm Dual In−Line Package
• Built−in Under Voltage Protection
• Cross−conduction Protection
• ITRIP Input to Shut Down All IGBT’s
• Integrated Bootstrap Diodes and Resistors
• Thermistor for Substrate Temperature Measurement
• Shut Down Pin
• UL1557 Certification (File Number: E339285)
Typical Applications
• Industrial Pumps
• Industrial Fans
• Industrial Automation
• Home Appliances
Figure 1. Function Diagram
Three channel
half−bridge
driver
with
protection
circuits
LIN(W)
HIN(W)
LIN(V)
HIN(V)
LIN(U)
HIN(U)
LS3
HS3
LS2
HS2
LS1
HS1
HS1
HS2
HS3
LS1
LS2
LS3
www.onsemi.com
MARKING DIAGRAM
NFAQ1060L36T = Specific Device Code
ZZZ
= Assembly Lot Code
A
= Assembly Location
T
= Test Location
Y
= Year
WW
= Work Week
Device marking is on package top side
DIP38 29.6x18.2
CASE 125BS
Device
Package
Shipping
(Qty / Packing)
ORDERING INFORMATION
NFAQ1060L36T
DIP38
(Pb-Free)
400 / Box
NFAQ1060L36T
ZZZATYWW


Similar Part No. - NFAQ1060L36T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
2Mb / 26P
Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
More results

Similar Description - NFAQ1060L36T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAP1060L3TT ONSEMI-NFAP1060L3TT Datasheet
591Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2020 ??Rev. 1
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
STK541UC62K-E ONSEMI-STK541UC62K-E Datasheet
435Kb / 15P
Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1
STK544UC63K-E ONSEMI-STK544UC63K-E Datasheet
317Kb / 13P
Intelligent Power Module (IPM), 600 V, 10 A
May, 2019 - Rev. 0
STK544UC62K-E ONSEMI-STK544UC62K-E Datasheet
453Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK551U362A-E ONSEMI-STK551U362A-E Datasheet
851Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 2
STK554U362A-E ONSEMI-STK554U362A-E Datasheet
323Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com