Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ1060L36T Datasheet(PDF) 3 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Intelligent Power Module (IPM) 600 V, 10 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 3 Page - ON Semiconductor

  NFAQ1060L36T Datasheet HTML 1Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 2Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 3Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 4Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 5Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 6Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 7Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NFAQ1060L36T
www.onsemi.com
3
Figure 3. Simplified Block Diagram
NU (17)
CFOD (12)
Sets latch time.
For R=2M
Ω,
C=1nF, latch time
is 1.65ms (typical).
VS(U),U (32)
VB(U) (34)
VS(V),V (26)
VS(W),W (20)
VB(W) (22)
VB(V) (28)
Bootstrap
Bootstrap
Bootstrap
Level
Shifter
Level
Shifter
Level
Shifter
NV (18)
NW (19)
Logic
Logic
Logic
HIN(U) (3)
HIN(V) (4)
HIN(W) (5)
LIN(U) (6)
LIN(V) (7)
LIN(W) (8)
VDD (2)
TH1 (13)
TH2 (14)
ITRIP (10)
VSS (1)
SD (11)
VDD
undervoltage
shutdown
Over current
protection
Shutdown
P (38)
VDD
Internal Voltage
reference
FAULT (9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com