Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5P2308A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5P2308A
Description  3.3V Zero-Delay Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2308A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5P2308A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
September 2005
ASM5P2308A
rev 1.4
3.3V Zero Delay Buffer
3 of 18
Notice: The information in this document is subject to change without notice.
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero Delay between input and output.
To close the feedback loop of the ASM5P2308A, the FBK pin can be driven from any of the eight available output pins. The
output driving the FBK pin will be driving a total load of 7pF plus any additional load that it drives. The relative loading of this
output (with respect to the remaining outputs) can adjust the input output delay. This is shown in the above graph.
For applications requiring zero input-output delay, all outputs including the one providing feedback should be equally loaded.
If input-output delay adjustments are required, use the above graph to calculate loading differences between the feedback
output and remaining outputs. For zero output-output skew, be sure to load outputs equally.
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
-500
-1000
-1500
500
1000
1500
Output Load Difference: FBK Load - CLKA/CLKB Load (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com