Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5P2308A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5P2308A
Description  3.3V Zero-Delay Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2308A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5P2308A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2308A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2005
ASM5P2308A
rev 1.4
Notice: The information in this document is subject to change without notice.
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
3.3V Zero-Delay Buffer
General Features
•
Zero input - output propagation delay, adjustable by
capacitive load on FBK input.
•
Multiple configurations - Refer “ASM5P2308A
Configurations “ Table.
•
Input frequency range: 15MHz to 133MHz
•
Multiple low-skew outputs.
•
Output-output skew less than 200pS.
•
Device-device skew less than 700pS.
•
Two banks of four outputs, tri-stateable by two select
inputs.
•
Less than 200pS cycle-to-cycle jitter
(-1, -1H,-2, -3, -4, -5H).
•
Available in 16 pin SOIC and TSSOP packages.
•
3.3V operation.
•
Advanced 0.35µ CMOS technology.
•
Industrial temperature available.
Functional Description
ASM5P2308A is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed clocks. It is available in a
16 pin package. The part has an on-chip PLL which locks
to an input clock presented on the REF pin. The PLL
feedback is required to be driven to FBK pin, and can be
obtained from one of the outputs. The input-to-output
propagation delay is guaranteed to be less than 250pS,
and the output-to-output skew is guaranteed to be less than
200pS.
The ASM5P2308A has two banks of four outputs each,
which can be controlled by the select inputs as shown in
the Select Input Decoding Table. The select input also
allows the input clock to be directly applied to the outputs
for chip and system testing purposes.
Multiple ASM5P2308A devices can accept the same input
clock and distribute it. In this case the skew between the
outputs of the two devices is guaranteed to be less than
700pS.
The
ASM5P2308A
is
available
in
five
different
configurations(Refer “ASM5P2308A Configurations” Table).
The ASM5P2308A-1 is the base part, where the output
frequencies equal the reference if there is no counter in the
feedback path. The ASM5P2308A-1H is the high-drive
version of the -1 and the rise and fall times on this device
are much faster.
The ASM5P2308A-2 allows the user to obtain 2X and 1X
frequencies on each output bank. The exact configuration
and output frequencies depends on which output drives the
feedback pin. The ASM5P2308A-3 allows the user to
obtain 4X and 2X frequencies on the outputs.
The ASM5P2308A-4 enables the user to obtain 2X clocks
on all outputs.
The ASM5P2308A-5H is a high-drive version with REF/2
on both banks. Thus, the part is extremely versatile, and
can be used in a variety of applications.


Similar Part No. - ASM5P2308A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P2308A PULSECORE-ASM5P2308A Datasheet
381Kb / 17P
3.3V Zero-Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM5P2308AF-1-16-SR PULSECORE-ASM5P2308AF-1-16-SR Datasheet
381Kb / 17P
3.3V Zero-Delay Buffer
ASM5P2308AF-1-16-ST PULSECORE-ASM5P2308AF-1-16-ST Datasheet
381Kb / 17P
3.3V Zero-Delay Buffer
ASM5P2308AF-1-16-TR PULSECORE-ASM5P2308AF-1-16-TR Datasheet
381Kb / 17P
3.3V Zero-Delay Buffer
More results

Similar Description - ASM5P2308A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
3.3V Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com