Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBUP Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # AFBUP
Description  On/Off, Spring Return, AC 24...240 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFBUP Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  AFBUP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFBUP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AFBUP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
100531
Power Supply
24...240 VAC, -20% / +10%, 50/60 Hz,
24...125 VDC, ±10%
Power consumption in operation 7 W
Power consumption in rest
position
3.5 W
Transformer sizing
7 VA @ AC 24 V (class 2 power source), 8.5
VA @ AC 120 V, 18 VA @ AC 240 V
Shaft Diameter
1/2...1.05” round, centers on 1/2” and 3/4”
with insert, 1.05” without insert
Electrical Connection
18 GA appliance cable, 3 ft [1 m], with 1/2”
conduit connector
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
actuators are double insulated
Angle of rotation
95°, adjustable with mechanical end stop,
35...95°
Torque motor
180 in-lb [20 Nm]
Direction of motion motor
selectable by ccw/cw mounting
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Manual override
5 mm hex crank (3/16” Allen), supplied
Running Time (Motor)
75 s
Running time fail-safe
<20 s @ -4...122°F [-20...50°C], <60 s @
-22°F [-30°C]
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 2, UL Enclosure Type 2
Housing material
Galvanized steel and plastic housing
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2014/30/EU and
2014/35/EU; Listed to UL 2043 - suitable for
use in air plenums per Section 300.22(c) of
the NEC and Section 602.2 of the IMC
Noise level, motor
50 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
2.4 lb [2.4 kg]
†Rated Impulse Voltage 4kV, Type of Action 1.AA.B, Control Pollution Degree 3.
Torque min. 180 in-lb, for control of air dampers.
Application
For On/Off, fail-safe control of dampers in HVAC systems. Actuator sizing
should be done in accordance with the damper manufacturer’s specifications.
Control is On/Off from an auxiliary contact or a manual switch. The actuator
is mounted directly to a damper shaft up to 1.05” in diameter by means of its
universal clamp. A crank arm and several mounting brackets are available for
applications where the actuator cannot be direct coupled to the damper shaft.
Maximum of two AF’s can be piggybacked for torque loads of up to 266 in-lbs.
Minimum 3/4” diameter shaft and parallel wiring.
Operation
The AF..UP series actuators provide true spring return operation for reliable
fail-safe application and positive close off on air tight dampers. The spring
return system provides constant torque to the damper with, and without,
power applied to the actuator. The AF..UP series provides 95° of rotation and is
provided with a graduated position indicator showing 0° to 95°. The actuator
maybe be stalled anywhere in its normal rotation without the need of mechanical
end switches. The AF..UP actuator is shipped at 5° (5° from full fail-safe) to
provide automatic compression against damper gaskets for tight shut off.
Dimensions (Inches[mm])
2.31" [58.78]
5.32" [135.01]
1.25" [31.79]
6.77" [172]
0.38" [9.7]
0.26" [6.5]
0.8" [20.38]
0.26" [6.5]
9.69" [246.1]
AFBUP Technical Data Sheet
On/Off, Spring Return, AC 24...240 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - AFBUP

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFBUP-S BELIMO-AFBUP-S Datasheet
788Kb / 3P
On/Off, Spring Return, AC 24...240 V
AFBUP-S-X1 BELIMO-AFBUP-S-X1 Datasheet
733Kb / 2P
On/Off, Spring Return, AC/DC 24 V
AFBUP-X1 BELIMO-AFBUP-X1 Datasheet
597Kb / 2P
On/Off, Spring Return, AC 24...240 V
More results

Similar Description - AFBUP

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFBUP-S BELIMO-AFBUP-S Datasheet
788Kb / 3P
On/Off, Spring Return, AC 24...240 V
AFXUPN4 BELIMO-AFXUPN4 Datasheet
590Kb / 2P
NEMA 4, On/Off, Spring Return, AC 24...240 V
AFXUP-S BELIMO-AFXUP-S Datasheet
789Kb / 3P
On/Off, Spring Return, AC 24...240 V
AFXUP-SN4 BELIMO-AFXUP-SN4 Datasheet
706Kb / 2P
NEMA 4, On/Off, Spring Return, AC 24...240 V
EFB120 BELIMO-EFB120 Datasheet
759Kb / 2P
On/Off, Spring Return, AC 100...240 V
EFX120-S BELIMO-EFX120-S Datasheet
862Kb / 2P
On/Off, Spring Return, AC 100...240 V
TFX120 BELIMO-TFX120 Datasheet
546Kb / 2P
On/Off, Spring Return, AC 100...240 V
TFX120-S BELIMO-TFX120-S Datasheet
706Kb / 3P
On/Off, Spring Return, AC 100...240 V
AFBUP-X1 BELIMO-AFBUP-X1 Datasheet
597Kb / 2P
On/Off, Spring Return, AC 24...240 V
AFRBUP-S BELIMO-AFRBUP-S Datasheet
736Kb / 2P
On/Off, Spring Return, AC 24...240 V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com