Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBUP Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # AFBUP
Description  On/Off, Spring Return, AC 24...240 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFBUP Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  AFBUP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFBUP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AFBUP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wiring Diagrams
!
WARNING! LIVE ELECTRICAL COMPONENTS!
During installation, testing, servicing and troubleshooting of this
product, it may be necessary to work with live electrical components.
Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these
tasks. Failure to follow all electrical safety precautions when exposed to
live electrical components could result in death or serious injury.
Meets cULus requirements without the need of an electrical ground
connection.
A Actuators with appliance cables are numbered.
UP Universal Power Supply (UP) models can be supplied with 24 VAC up to
240 VAC, or 24 VDC up to 125 VDC.
Provide overload protection and disconnect as required.
45
Actuators may be powered in parallel. Power consumption must be
observed.
48
Parallel wiring required for piggy-back applications.
AFBUP Technical Data Sheet
On/Off, Spring Return, AC 24...240 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com