Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-RRY-4PCC Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # CPS-RRY-4PCC
Description  Relay Output Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-RRY-4PCC Datasheet(HTML) 1 Page - Contec Co., Ltd

  CPS-RRY-4PCC Datasheet HTML 1Page - Contec Co., Ltd CPS-RRY-4PCC Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver.1.03
CPS-RRY-4PCC
1
CONPROSYS Series
Relay Output Module
CPS-RRY-4PCC
* Specifications,color and design of theproducts are subjecttochange
withoutnotice.
This product is aconfigurablemoduleto provide a function of relay
output interface and operates along withthe configurable type controller
of our CONPROSYSseries. It contains four channels of relay outputs
(FormC) withindependentcommon.
* Thecontentsinthis documentare subjectto changewithoutnotice.
* Visit theCONTECwebsite to checkthelatest details inthe document.
* Theinformation inthedata sheets is as of August, 2019.
Features
Relay outputs (FormC)with independentcommon
This producthas four channels of relay outputs (FormC) with
independentcommon.
Independentcommonterminal provided per channel,capable of
supporting a differentexternal power supply.
Therated load is designedtobe a high-capacity of 240VAC6A, 24VDC
5A per channel.
* Thefollowingratingsneed tobesatisfied inorder tomeetCE,ULsrequirements.Usethe productwithinthese
ratings.
CE:240VAC/3A(Resistive),24VDC/5A(Resistive)
UL:240VAC/6A(Resistive),24VDC/5A(Resistive)
Relay isolation
As bus is isolatedfromthe outputinterfacesby relays,this producthas
excellentnoiseperformance.
Compactdesign
Compact design, 25.2 (W)×94.7(D)×124.8 (H), features flexibility in
installation.
Adaptabletoa temperaturerangebetween -20 and +60°C
Theproductis capable of operating inthetemperaturebetween-20 and
+ 60°C. It canbe installed inthevariousenvironments.
Installation easywith twopieces of terminal supportand DIN rail
Youcan install and remove a terminal connectorwithouta screwdriver so
that it canshorten thetime ofthe replacement.Asthe productcanbe
not only mountedonDIN rail, but also is removable along theside rails,
replacing is simple and easy as well.
Equipped withLED foran operation check
TheproducthasLED for an operationcheck,whichhelps youvisually
confirm thecommunication status of eachinterface.
No electrolytic capacitorbattery
Noelectrolytic capacitor is used.TheConteciscreating theproductwith
a longer life.
Specifications
Function specifications
Item
CPS-RRY-4PCC
Output
Numberofoutputsignalchannels 4(Independentcommon)
Outputformat
Relaycontacts(Form C)output
LED
0-3(Green)
Operatetime(ON)
Within20ms
Releasetime(OFF)
Within20ms
Contactresistance(Initialstate)
125mΩmax.
Relaycontact
spec.*1*2
Ratedload
240VAC6A(resistiveload),24VDC5A(resistiveload)
Maximum
voltage
400VAC,300VDC
Maximum
current
6A(AC),5A(DC)
Mechanicallife
expectancy
10,000,000operationsminormore(Switching times:300
operations/min)
Electrical
lifetime
50,000operationsmin.(Switching times:10operations/min,
withratedload)
Connector
2pieces 5.08mmpitch3-pinterminal
Applicablewire
AWG28-12
LED
Status(Green,Red)
Supplyvoltage
24VDC(±10%)
Currentconsumption
0.1A(Max.)
Physicaldimensions(mm)
25.2(W)×94.7(D)×124.8(H)(Noprojectionincluded)
Weight
250g
Installationmethod
Quickmounting onthe35mmDINrail
*1 TomeetCEsrequirements,theratingshouldbeup to 240VAC/3A(Loadresistor),24VDC/5A(Loadresistor).As
for ULsrequirements,theratingshould beup to 240VAC/6A(Loadresistor),24VDC/5A(Load resistor).Usethe
productwithinthespecifiedratings tosatisfytheserequirements.
*2 Refer tothemaximumswitchingcapacitylistedintheReferenceManual(Hardware)andusetheproduct
withinthespecifiedvoltageandcurrentrange.
Caution
Youcansetthemodulesasyoudesireto theconfigurablecontroller up to 16modules.
Thetotalcurrentconsumptionofthemodulesshouldbeless than3.3A.


Similar Part No. - CPS-RRY-4PCC

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
380Kb / 3P
CODESYS EtherCAT Master
More results

Similar Description - CPS-RRY-4PCC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
logo
Gamewell-FCI by Honeywe...
AOM-2RF GAMEWELL-FCI-AOM-2RF Datasheet
233Kb / 1P
Addressable output relay control module
logo
Advantech Co., Ltd.
ADAM-4060 ADVANTECH-ADAM-4060 Datasheet
766Kb / 1P
4-ch Relay Output Module
ADAM-5060 ADVANTECH-ADAM-5060 Datasheet
620Kb / 1P
6-ch Relay Output Module
ADAM-4060 ADVANTECH-ADAM-4060_15 Datasheet
328Kb / 1P
4-ch Relay Output Module
logo
Picker Components
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
AC Output Solid State Relay/Output Module
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
AC Output Solid State Relay/Output Module
logo
Advantech Co., Ltd.
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
6-ch Relay Output Modbus TCP Module
27-Jun-2018
logo
Schneider Electric
140DRC83000 SCHNEIDER-140DRC83000 Datasheet
135Kb / 5P
relay discrete output module Modicon Quantum - 8 O
Apr 12, 2022
BMXSRA0405 SCHNEIDER-BMXSRA0405 Datasheet
137Kb / 4P
discrete output module - 4 outputs - relay - Safety
Apr 18, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com