Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-RRY-4PCC Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # CPS-RRY-4PCC
Description  Relay Output Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-RRY-4PCC Datasheet(HTML) 2 Page - Contec Co., Ltd

  CPS-RRY-4PCC Datasheet HTML 1Page - Contec Co., Ltd CPS-RRY-4PCC Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.1.03
CPS-RRY-4PCC
2
InstallationEnvironmentRequirements
Item
CPS-RRY-4PCC
Operating ambienttemperature
-20-+60°C
Operating ambienthumidity
10-85%RH(Nocondensation)
Non-operatingambient
temperature
-20-+60°C
Non-operatingambienthumidity
10-85%RH(Nocondensation)
Floatingdustparticles
Nottobeexcessive
Corrosivegases
None
Line-noise
resistance
Linenoise
SignalLine/±1kV(IEC61000-4-4Level3,EN61000-4-4Level3)
Staticelectricity
resistance
Touch/±4kV(IEC61000-4-2Level2,EN61000-4-2Level2)
Air/±8kV(IEC61000-4-2Level3,EN61000-4-2Level3)
Vibration
resistance
Sweep
resistance
10-57Hz*3/semi-amplitudevibration0.15mm,57-150Hz/2.0G
40minutes eachinX,Y,and Zdirections(JISC60068-2-6-compliant,
IEC60068-2-6-compliant)
Shockresistance
15Ghalf-sineshockfor 11ms inX,Y,and Zdirections
(JISC60068-2-27–compliant,IEC60068-2-27-compliant)
Standard
VCCI ClassA,FCCClassA,
CE Marking (EMCDirectiveClass A,LowVoltageDirective,RoHSDirective),
UL
*3 Whenyouuseanoptionalpowerproduct:10-55Hz(Seethemanualofoptionalpowerproductfor details)
Physical Dimensions
List of Option
Configurable TypeController
CPS-MCS341-DS1-111
Configurable Type CPU module
CPS-MCS341-DS1-131
Configurable Type CPU module+ OPCUA server+
MTConnect
CPS-MCS341G-DS1-130
Configurable Type CPU module+3GWAN
CPS-MCS341Q-DS1-131
Configurable Type CPU module+920MHzLAN
CPS-ECS341-1-011
EtherCAT SlaveModule
DINrailmounting powersupply
CPS-PWD-90AW24-01
DIN rail mountingpowersupply 90[w]
(Input: 100 -240VAC, output: 24VDC3.8 A)
CPS-PWD-30AW24-01
DIN rail mountingpowersupply 30[w]
Input:100 - 240VAC, output: 24VDC1.3 A)
Packing List
Product [CPS-RRY-4PCC] …1
Product Guide … 1
Warranty Certificate …1
SerialnumberLabel …1
3-pin Connector…4
Component Name
No.
Name
Function
1 StackBus
Usedforpowersupplyand communicationwiththeconfigurabletypemodule.
2 LEDIndicator
This indicatesstatusoftheproduct.
3 RelayOutput
connector
This isaconnectorfor relayoutput.(Usethe3-pinconnector,included inthepackage)
25.2
φ4
φ4
[mm]
STATUS
RRY-4PCC
0
1
2
3
0
1
2
3
NC
NO
C
NC
NO
C
NC
NO
C
NC
NO
C
94.7
5.1
2
1
STATUS
RRY-4PCC
0
1
2
3
0
1
2
3
NC
NO
C
NC
NO
C
NC
NO
C
NC
NO
C
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com