Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM161 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM161
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM161 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM161 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ASM161 / ASM162
2 of 9
Notice: The information in this document is subject to change without notice
µP Supervisory Circuit
rev 1.0
October 2003
Block Diagram
Pin Configuration
RESET is open drain
Pin Description
Pin #
Pin Name
Description
ASM161
ASM162
1
1
GND
Ground.
2
-
RESET
Active-LOW, open-drain reset output. RESET remains LOW while VCC is below the
reset threshold and for 800ms minimum after VCC rises above the reset threshold.
An external pull-up resistor is needed.
-
2
RESET
Active HIGH reset output. RESET remains HIGH while VCC is below the reset
threshold and for 800ms after VCC rises above the reset threshold.
33
MR
Manual reset input. A negative going edge transition on MR asserts reset. Reset
remains asserted for one reset time-out period (800 ms min). This active-LOW
input has an internal pull-up resistor. It can be driven from a TTL or CMOS logic line
or shorted to ground with a switch. Leave open if unused.
44
VCC
Power supply input voltage.
+
-
Voltage
Divider
MR
Debounce
Bandgap
Reference
Reset Circuit
* Edge Trigger
RESET (ASM162)
RESET (ASM161)
VCC
MR
GND
1
2
3
4
ASM161/162
* Non-retriggerable, edge
triggered manual reset
Reset
Circuit
ASM161
VCC
RPU
2
4
1
2
3
4
GND
RESET
MR
VCC
SOT-143
ASM161
1
2
3
4
GND
RESET
MR
VCC
SOT-143
ASM162



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com