Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM161 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM161
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM161 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM161 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM161 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ASM161 / ASM162
5 of 9
Notice: The information in this document is subject to change without notice
µP Supervisory Circuit
rev 1.0
October 2003
Electrical Characteristics
Unless otherwise noted, VCC is over the full range and TA = 00 to 700c for ASM161/162 X C and TA = -400c to +850c for ASM161/
162 X E devices. Typical values at TA = 250c, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage (VCC)
Range
VCC
TA = 0°C to 70°C
1.1
5.5
V
Supply Current
(Unloaded)
ICC
TA = 0°C to 70°C,
TA = -40°C to +85°C
VCC < 5.5V,
L/M/J
615
µA
TA = 0°C to 70°C,
TA = -40°C to +85°C
VCC < 3.6V,
R/S/T
4.5
10
Reset Threshold
VTH
L Devices
TA = 25°C
4.56
4.63
4.70
V
Note 1
4.50
4.75
M devices
TA = 25°C
4.31
4.38
4.45
Note 1
4.25
4.50
J devices
TA = 25°C
3.93
4.00
4.06
Note 1
3.89
4.10
T devices
TA = 25°C
3.04
3.08
3.11
Note 1
3.00
3.15
S devices
TA = 25°C
2.89
2.93
2.96
Note 1
2.85
3.00
R devices
TA = 25°C
2.59
2.63
2.66
Note 1
2.55
2.70
Reset Threshold Temp
Coefficient
TCVTH
30
ppm/
°C
VCC to reset delay
VCC = VTH to (VTH -100mV)
20
µS
Reset Pulse Width
tRPW
TA = 0°C to 70°C
800
1400
2000
ms
TA = -40°C to 85°C
560
2240
MR Minimum Pulse
Width
tMR
10
µS
MR Glitch Immunity
100
ns
MR to RESET Propaga-
tion Delay
tMD
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com