Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM161MCUS/T Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM161MCUS/T
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM161MCUS/T Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM161MCUS/T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
Notice: The information in this document is subject to change without notice
µP Supervisory Circuit
ASM161 / ASM162
rev 1.0
October 2003
Detailed Descriptions
The reset function ensures the microprocessor is properly
reset and powers up into a known condition after a power
failure.
Reset Timing
A reset is generated whenever the supply voltage is below
the threshold level (VCC < VTH). The reset duration is at least
800ms after VCC has risen above the reset threshold and is
guaranteed to be no more than 2 seconds. The rest signal
remains active as long as the monitored supply voltage is
below the internal threshold voltage.
The ASM161 has an open-drain, active LOW RESET output
(which is guaranteed to be in the correct state for VCC down
to 1.1 V). The ASM161 uses an external pull-up resistor.
Output leakage current is under 1µA. A high resistance value
can be used to minimize current drain.
The ASM162 generates an active-HIGH RESET output.
Manual Reset
The ASM161/162 have a unique manual reset circuit. A
negative going edge transition on MR initiates the reset. A
manual reset generates a single reset pulse of fixed length.
The output-reset pulse remains asserted for the Reset Active
Time-Out Period tRP and then clears. Once the reset pulse is
completed, the MR input remains disabled for at least 49µS
but not more than 122µS. This period is specified as tMRD.
During the MR disabled period, the microcontroller is
guaranteed a time period free of new manual reset signals.
This period can be used to refresh critical DRAM contents or
other system tasks.
The MR pin must be taken HIGH and LOW again after the
tMRD period has been completed to initiate another reset
pulse.
The manual reset input has an internal 20k
Ω pull-up resistor.
MR can be left open if not used.
Application Information
Glitch Resistance
The ASM161/162 are relatively immune to short duration
negative-going VCC transients/glitches. A VCC transient that
goes 100mV below the reset threshold and lasts 20s or less
will not typically cause a reset pulse.
Valid Reset with VCC under 1.1V
To ensure that logic inputs connected to the ASM162 RESET
pin are in a known state when VCC is under 1.1V, a 100kΩ
pull-down resistor at RESET is needed. The value is not
critical.
This scheme does not work with the open-drain outputs of
ASM161.
Part Number
Reset Polarity
ASM161
LOW (use external pull-up resistor)
ASM162
HIGH
MR input is blocked
Ready
Reset
*Second and following edges ignored
*........
next
Triggering
tMD
tMRD
Figure 1: Manual Reset Timing
Time-Out
Pulse
for
MR
RESET
MR
VCC
Power Supply
ASM162
RESET
GND
MR
Figure 2: RESET valid with VCC under 1.1V
100KΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com