Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM161MCUS/T Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM161MCUS/T
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM161MCUS/T Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM161MCUS/T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM161MCUS/T Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ASM161 / ASM162
4 of 9
Notice: The information in this document is subject to change without notice
µP Supervisory Circuit
rev 1.0
October 2003
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Pin Terminal Voltage with respect to Ground
VCC
-0.3
6.0
V
RESET, RESET and MR
-0.3
VCC + 0.3
V
Input Current at VCC and MR
20
mA
Rate of Rise at VCC
100
V/µs
Power Dissipation (TA = 70°C)
320
mW
Operating Temperature Range
-40
85
°C
Storage Temperature Range
-65
160
°C
Lead Temperature (soldering, 10 sec)
300
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum rat-
ings for prolonged time periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com