Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM161JCUS/T Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM161JCUS/T
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM161JCUS/T Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM161JCUS/T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM161JCUS/T Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASM161 / ASM162
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.0
µP Supervisory Circuit
October 2003
General Description
The ASM161 and ASM162 are cost effective, low power
supervisory
circuits
that
monitor
power
supplies
in
microprocessor, microcontroller and digital systems. If the
power supply drops below the reset threshold level, a reset is
asserted and remains asserted for atleast 800ms after VCC has
risen above the reset threshold. An improved manual reset
architecture gives the system designer additional flexibility.
The debounced manual reset input is negative edge triggered.
The reset pulse period generated by a MR transition is a
minimum of 800 ms and a maximum of 2 sec duration. In
addition, The MR input signal is blocked for an additional 49µS
minimum after the reset pulse ends. During the MR disable
period, the microcontroller is guaranteed a time period free of
additional manual reset signals. During this period DRAM
contents can be refreshed or other critical system tasks
undertaken. Low power consumption makes the ASM161/162
ideal for use in portable and battery operated equipments. With
3V supplies power consumption is 8µW typically and 30µW
maximum. The ASM161 has an open-drain, active-LOW
RESET output and requires an external pull-up resistor. The
ASM162 has an active HIGH RESET output.
The ASM161/162 are offered in compact 4-pin SOT-143
packages. No external components are required to trim
threshold voltage for monitoring different supply voltages. With
six different factory set, reset, threshold ranges from 2.63V to
4.63V, the ASM161/162 are suitable for monitoring 5V, 3.6V
and 3.0V supplies. The ASM161/162 are available in
temperature ranges 00 to 700c and -400c to +850c.
Key Features
•
Edge triggered manual reset input
•
single pulse output
•
49µS minimum MR disable period after reset
•
CMOS/TTL logic or switch interface
•
Debounced input
•
Low supply current extends battery life
• 6µA / 15µA typ/max at 5.5V
• 4.5µA / 10µA typ/max at 3.6V
•
Long reset period
• 0.8 sec minimum, 2 sec maximum
•
Two reset polarity options
• ASM161: Active LOW, open-drain
• ASM162: Active HIGH
•
Pinout matches the AS811/812
•
Small 4-Pin SOT-143 package
•
Two temperature ranges: 00 to 700c and -400c to +850c
Applications
•PDAs
•
Appliances
•
Computers and embedded controllers
•
Wireless communication systems
•
Battery operated and intelligent instruments
•
Automotive systems
•
Safety systems
Typical Operating Circuit
Reset Threshold
Part Suffix
Voltage (V)
L4.63
M4.38
J4.00
T3.08
S2.93
R2.63
VCC
MR
(RESET)
GND
(RESET)
µP
ASM161
(ASM162)
RESET
RESET
VCC
GND
VCC
20k for
ASM161
only


Similar Part No. - ASM161JCUS/T

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM161JCUS/T PULSECORE-ASM161JCUS/T Datasheet
189Kb / 9P
關P Supervisory Circuit
More results

Similar Description - ASM161JCUS/T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP730 SIPEX-SP730 Datasheet
107Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904 Datasheet
87Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
Sipex Corporation
SP730 SIPEX-SP730_05 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
ams AG
AS1901 AMSCO-AS1901_1 Datasheet
213Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
Supervisory Circuit
01/15/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com