Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-1104R-R Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # GHB-1104R-R
Description  3.0x1.0 mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-1104R-R Datasheet(HTML) 1 Page - Gilway Technical Lamp

  GHB-1104R-R Datasheet HTML 1Page - Gilway Technical Lamp GHB-1104R-R Datasheet HTML 2Page - Gilway Technical Lamp GHB-1104R-R Datasheet HTML 3Page - Gilway Technical Lamp GHB-1104R-R Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV NO: V.2
DATE:DEC/11/2002
PAGE: 1 OF 4
3.0x1.0 mm SMD CHIP LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is 0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
!
3.0mmx1.0mm SMT LED, 2.0mm THICKNESS.
!
LOWPOWERCONSUMPTION.
!
WIDE VIEWING ANGLE.
!
IDEAL FOR BACKLIGHT AND INDICATOR.
!
VARIOUS COLORSAND LENS TYPES AVAILABLE.
!
PACKAGE : 2000PCS / REEL.
Package Dimensions
Description
The Hyper Red source color devices are made with
DH InGaAlP on GaAs substrate Light Emitting Diode.
55 Commerce Way
Woburn, MA 01801
(781) 935 - 4442
(781) 938 - 5867
www.gilway.com
GHB-1104R-R


Similar Part No. - GHB-1104R-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-1104R-B GILWAY-GHB-1104R-B Datasheet
140Kb / 4P
3.0x1.0mm SMD CHIP LED LAMP
GHB-1104R-DR GILWAY-GHB-1104R-DR Datasheet
140Kb / 4P
3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-O GILWAY-GHB-1104R-O Datasheet
141Kb / 4P
3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-Y GILWAY-GHB-1104R-Y Datasheet
140Kb / 4P
3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-YG GILWAY-GHB-1104R-YG Datasheet
140Kb / 4P
3.0x1.0mm SMD CHIP LED LAMP
More results

Similar Description - GHB-1104R-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-1104R-DR GILWAY-GHB-1104R-DR Datasheet
140Kb / 4P
3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-O GILWAY-GHB-1104R-O Datasheet
141Kb / 4P
3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-Y GILWAY-GHB-1104R-Y Datasheet
140Kb / 4P
3.0x1.0 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010MBC KINGBRIGHT-APA3010MBC Datasheet
155Kb / 5P
3.0x1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
AA3528MBCK KINGBRIGHT-AA3528MBCK Datasheet
143Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528PR7C KINGBRIGHT-AA3528PR7C Datasheet
169Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528RWC KINGBRIGHT-AA3528RWC Datasheet
331Kb / 7P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528SF4C KINGBRIGHT-AA3528SF4C Datasheet
443Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528VGC KINGBRIGHT-AA3528VGC Datasheet
164Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528AMGC KINGBRIGHT-AA3528AMGC Datasheet
289Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com