Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-1104R-R Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # GHB-1104R-R
Description  3.0x1.0 mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-1104R-R Datasheet(HTML) 2 Page - Gilway Technical Lamp

  GHB-1104R-R Datasheet HTML 1Page - Gilway Technical Lamp GHB-1104R-R Datasheet HTML 2Page - Gilway Technical Lamp GHB-1104R-R Datasheet HTML 3Page - Gilway Technical Lamp GHB-1104R-R Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV NO: V.2
DATE:DEC/11/2002
PAGE: 2 OF 4
Electrical / Optical Characteristics at TA=25 C
Absolute Maximum Ratings at TA=25 C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Selection Guide
Note:
1.
1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
art No.
P.
PPaaarrrttt N
N
Nooo..
P.
art No
Pe
ic
De
D
Diiic
c
ce
e
De
ic
De
ens Typ
Le
LLeeennnsss TTTyyy pppee
Le
v(mcd)
Lens Typ
I)
IIvvv (((m
m
mcccddd))
I)
Iv (mcd
iewing
@20mA
Vg
VViiieeew
w
w iiinnngg
Vg
Viewin
Angle
in.
M.
M
Miiin
n
n..
M.
in
M.
yp
T.
TTyyyppp..
T.
Typ
)
YPER RED (InGaAlP
HR
ATERC LEA
W0
50
2
120
ymbol
Sl
SSyyy m
m
mbbboooll
Sl
ymbo
Sr
aramete
Pr
PPaaarrraaam
m
meeettteeerr
Pr
aramete
Pe
evic
De
D
Deeevvviiicccee
De
evic
D.
yp
T.
TTyyyppp..
T.
yp
T.
ax
M.
M
Maaaxxx ..
M.
ax
Ms
nit
Us
U
Unnniiitttss
Us
nit
Us
est Conditio n
Ts
TTeeesss ttt C
C
Cooonnndddiiitttiiiooonnnss
Ts
Test Conditio n
peak
eak Wavelength
Pd
yper Re
H0
4
6m
nIF =20mA
D
ominate Wavelength
Dd
yper Re
H8
2
6m
nIF =20mA
1/2
pectral Line Half-width
Sd
yper Re
H7
2m
nIF =20mA
Ce
apacitanc
Cd
yper Re
H5
4F
pVF=0V;f=1MHz
VF
orward Voltage
Fd
yper Re
H9
.
15
.
2V
I F =20mA
IR
everse Current
Rd
yper Re
H0
1A
uVR =5V
arameter
Pr
PPaaarrraaam
m
meeettteeerr
Pr
Paramete
yper Red
Hd
H
Hyyy pppeeerrr R
R
Reeedd
Hd
yper Re
Hs
nit
Us
U
Unnniiitttss
Us
Unit
Power dissipation
70
1W
m
DC Forward Current
0
3A
m
Peak Forward Current [1]
85
1A
m
Reverse Voltage
5V
Operating/Storage Temperature
-40 C To +85 C
GHB-1104R-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com