Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM706 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM706
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM706 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ASM706 P/ R/ S/ T/ J
7 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
Monitoring Voltages Other Than VCC
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
-0.3
6.0
V
All other inputs
-0.3
VCC + 0.3
V
Input Current at VCC and GND
20
mA
Output Current: All outputs
20
mA
Rate of Rise at VCC
100
V/µs
Plastic DIP Power Dissipation
(Derate 9mW/°C above 70°C)
700
mV
SO Power Dissipation
(Derate 5.9mW/°C above 70°C)
470
mW‘
MicroSO POwer Disspation
(Derate 4.1mW/°C above 70°C)
330
mW
Operating Temperature Range
ASM706xE, ASM708xE
-40
+85
°C
ASM706xC, ASM708xC
0
70
°C
Storage Temperature Range
-65
160
°C
Lead Temperature Soldering (10sec)
300
°C
Note: These are stress ratings only and functional operation is noy implied. Exposure to absolute maximum ratings for pro-
longed time periods may affect device reliability.
The ASM706/708 can monitor voltages other than VCC using
the Power Fail circuitry. If a resistive divider is connected from
the voltage to be monitored to the PFI input, the PFO will go
LOW if the voltage at PFI goes below 1.25V reference. Should
hysteresis be desired, connect a resistor (equal to
approximately 10 times the sum of the two resistors in the
divider) between the PFI and PFO pins. A capacitor between
PFI and GND will reduce circuit sensitivity to input high
frequency noise. If it is desired to assert a reset in addition to
the PFO flag, this may be achieved by connecting the PFO
output to MR.
VCC
PFI
MR
PFO
VIN
R1
R2
ASM70X
RESET
GND
+5V
To µP
Figure 4: Monitoring +5V and an additional supply VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com