Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM706 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM706
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM706 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM706 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ASM706 P/ R/ S/ T/ J
8 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
Electrical Characteristics
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (ASM706P,
ASM708R), 3.0 V to 5.5V (ASM706/708S), 3.15V to 5.5V (ASM706/708T) and 4.1V to 5.5.V (ASM706/708J)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
Range
VCC
ASM706xC, ASM708xC
1.1
5.5
V
ASM706xE, ASM708xE
1.2
5.5
Supply Current
VCC < 3.6V
ICC
ASM706xC, ASM706xE, MR = VCC, WDI Float-
ing
75
140
µA
ASM708xC, ASM708xE, MR = VCC, WDI Float-
ing
50
140
Supply Current
VCC < 5.5V
ICC
ASM706xC, ASM706xE, MR = VCC, WDI Float-
ing
75
140
µA
ASM708xC, ASM708xE, MR = VCC, WDI Float-
ing
50
140
RESET Threshold
VRT
P and R devices
2.55
2.63
2.70
V
S devices
2.85
2.93
3.00
T devices
3.00
3.08
3.15
J devices
3.89
4.00
4.10
RESET Threshold
Hysteresis
40
mV
RESET Pulse Width
tRS
VCC = 3V (ASM706/8, P/R devices).
ms
VCC = 3.3V (ASM706/8, S/T devices).
140
200
280
VCC = 4.4V (ASM706/8, J devices).
VCC = 5V
200
MR Pulse Width
tMR
4.5V < VCC < 5.5V
150
ns
3.6V < VCC < 4.5V (ASM706/8J devices)
VRST (MAX) < VCC < 3.6V
(ASM706/8/P/R/S/T devices)
500
MR to RESET Out
Delay
tMD
3.6V < VCC < 4.5V (AS706/8J devices)
VRST (MAX) < VCC < 3.6V
(ASM706/8/P/R/S/T devices)
750
ns
4.5V < VCC < 5.5V
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com