Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB24-SR-R Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # CMB24-SR-R
Description  Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

CMB24-SR-R Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  CMB24-SR-R Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC CMB24-SR-R Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data
1552
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, ±20%
Power consumption in operation 1.5 W
Power consumption in rest
position
0.5 W
Transformer sizing
1.5 VA (class 2 power source)
Shaft Diameter
1/4...1/2” round, centers on 3/8”
Electrical Connection
695
Overload Protection
electronic throughout full rotation
Operating Range
2...10 V, 4...20 mA w/ ZG-R01 (500 Ω, 1/4
W resistor)
Position Feedback
2...10 V
Angle of rotation
0...287.5°, Without limitation: endless
With one end stop clip Z-ESCM: 315°
Torque motor
18 in-lb [2 Nm]
Direction of motion motor
by electrical installation
Position indication
Mechanically, pluggable (with integrated
magnet for gear disengagement)
Manual override
disengage with magnet
Running Time (Motor)
35 s, constant, independent of load
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 2, UL Enclosure Type 2
Housing material
UL94-5VA
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2014/30/EU and
2014/35/EU
Noise level, motor
45 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
0.56 lb [0.26 kg]
†Rated Impulse Voltage 800V, Type of Action 1, Control Pollution Degree 2.
Torque min. 18 in-lb, for control of damper surfaces up to 4.5 sq. ft.
Application
Damper actuator for operating air control dampers in ventilation and air-
conditioning systems for building services installations.
• For air control dampers up to approximately 4.5 sq ft
• Torque 2 Nm
• Nominal voltage AC/DC 24 V
• Control: 2 to 10 VDC
• Running time 35 sec. @ 90°
Operation
Simple direct mounting on the damper spindle with a universal spindle clamp
or form fit, supplied with an anti-rotation bracket to prevent the actuator from
rotating.
Manual operation is possible with a magnet (the gearing latch remains
disengaged as long as the magnet is in place).
Adjustable angle of rotation with mechanical end stops, that requires no tools to
move or remove.
The actuator is overload-proof, requires no limit switches and automatically
stops when the end stops is reached.
The CMB24-SR (-R or -L) actuator uses a brushless DC motor, which is
controlled by an Application Specific Integrated Circuit (ASIC). The ASIC
monitors and controls the actuator’s rotation sensing (DRS) function to prevent
damage to the actuator in a stall condition. Power consumption is reduced in
holding mode.
Belimo’s Halomo sensorless brushless DC motor spins by reversing the poles
of stationary electromagnets housed inside rotational permanent magnets. The
electromagnetic poles are switched by the an ASIC developed by Belimo. Unlike
the conventional DC motor, there are no brushes to wear or commutators to
foul. This means the brushless DC motor adds accuracy and reduces power
consumption in a holding mode.
Dimensions (Inches[mm])
CMB24-SR-R Technical Data Sheet
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - CMB24-SR-R

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
CMB24-SR-L BELIMO-CMB24-SR-L Datasheet
858Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
More results

Similar Description - CMB24-SR-R

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
GMB24-SR BELIMO-GMB24-SR Datasheet
493Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
GMX24-SR BELIMO-GMX24-SR Datasheet
516Kb / 3P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
LMCB24-SR BELIMO-LMCB24-SR Datasheet
506Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
LMCB24-SR-T BELIMO-LMCB24-SR-T Datasheet
527Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
LMX24-SR-F BELIMO-LMX24-SR-F Datasheet
502Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
LMX24-SR-T BELIMO-LMX24-SR-T Datasheet
546Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
NMB24-SR-T BELIMO-NMB24-SR-T Datasheet
470Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
NMCB24-SR BELIMO-NMCB24-SR Datasheet
549Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
NMX24-SR BELIMO-NMX24-SR Datasheet
549Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
NMX24-SR-T BELIMO-NMX24-SR-T Datasheet
561Kb / 2P
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com