Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB24-SR-R Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # CMB24-SR-R
Description  Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

CMB24-SR-R Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  CMB24-SR-R Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC CMB24-SR-R Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Specification
Proportional control damper actuators shall be electronic direct-coupled type,
which require no crank arm and linkage and be capable of direct mounting
to a shaft from 1/4” to 1/2” diameter. Actuators must provide proportional
damper control response to a 2 to 10 VDC or, with the addition of a 500Ω
resistor, a 4 to 20 mA control input from an electronic controller or positioner.
Actuators shall have brushless DC motor technology and be protected from
overload at all angles of rotation. Actuators shall have manual override on the
cover. Run time shall be constant and independent of torque. Actuators shall
be cULus listed, have a 5-year warranty, and be manufactured under ISO 9001
International Quality Control Standards. Actuators shall be as manufactured
by Belimo.
Wiring Diagrams
Provide overload protection and disconnect as required.
Actuators may also be powered by 24 VDC.
Only connect common to negative (-) leg of control circuits.
A 500 Ω resistor (ZG-R01) converts the 4 to 20 mA control signal to 2
to 10 VDC.
Actuators may be connected in parallel if not mechanically linked. Power
consumption and input impedance must be observed.
Blk (1)
Common
Red (2)
Hot +
Control Signal
(+)
VDC/mA
(–)
Feedback Signal (+)
2 to 10 VDC (–)
Ω
500 Ω
Line
Volts
Org (5)
U Output
Wht (3)
Y Input, 2 to 10V
24 VAC Transformer
2 to 10 VDC / 4 to 20 mA Control
CMB24-SR-R Technical Data Sheet
Modulating, Non-Spring Return, 24 V, for DC 2...10 V or 4...20 mA
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com