Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2005A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P2005A
Description  Low Frequency EMI Reduction IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2005A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P2005A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
October 2003
P2005X
rev 1.0
General purpose EMI Reduction IC
2 of 10
Notice: The information in this document is subject to change without notice.
XOUT
1
2
3
4
5
6
7
8
P2005X
XIN /CLK
DIV2
VSS
SR0
SSON#
ModOUT
VDD
Pin Configuration
Pin Description
Pin#
Pin
Name
Type
Description
1
XIN/CLK
I
Connect to crystal or clock.
2
XOUT
O
Crystal output.
3
DIV2
I
Digital logic input used to select normal output mode or divide-by-two output mode.
When this pin is HIGH, the frequency of the output clock is the same as the input
clock frequency. When it is tied low, the output frequency is half the input clock
frequency. This pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SR0
I
Digital logic input used to select Spreading Range Refer Modulation Output and
Spreading Range Selection Table
. This pin has an internal pull-up resistor.
6
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread
Spectrum function enabled when LOW, disabled when HIGH. This pin has an internal
pull-low resistor.
7
ModOUT
O
Spread spectrum clock output.
8
VDD
P
Power supply for the entire chip (+3.3V or 5.0V)
Output Frequency Selections
Input Frequency
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
28 MHz
32 MHz
0 (1/2 X)
4 MHz
6 MHz
8 MHz
10 MHz
12 MHz
14 MHz
16 MHz
DIV2
1 (1X)
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
28 MHz
32 MHz
Output
Frequency
Frequency Deviation Selections as a Function of Input Frequency
Input Frequency Range
P/N
SR0
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
28 MHz
32 MHz
Modulation
Rate (KHz)
0
± 3.0%
± 2.5%
± 2.0%
± 1.8%
± 1.5%
± 1.5%
± 1.3%
P2005A
1
± 2.5%
± 2.0%
± 1.8%
± 1.5%
± 1.3%
± 1.3%
± 1.0%
0
± 1.8%
± 1.5%
± 1.2%
± 1.1%
± 0.9%
± 0.9%
± 0.8%
P2005S
1
± 1.5%
± 1.2%
± 1.1%
± 0.9%
± 0.8%
± 0.8%
± 0.6%
(XIN/20) * 62.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com