Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2005A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # P2005A
Description  Low Frequency EMI Reduction IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2005A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  P2005A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2005A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2003
P2005A/S
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low Frequency EMI Reduction IC
Features
FCC approved method of EMI attenuation.
Provides up to 15dB of EMI suppression.
Generates a 1X or ½ X low EMI spread spectrum
clock of the input frequency.
Input frequency range: 8MHz to 32MHz.
Internal loop filter minimizes external components
and board space.
Frequency deviation:
o
P2005A: ± 1% to ± 3%
o
P2005S: ± 0.6% to ± 1.8%
SSON# control pin for spread spectrum enable
and disable options.
Low cycle-to-cycle jitter.
3.3V or 5V operating voltage range.
16mA output drives.
TTL or CMOS compatible outputs.
Ultra-low power CMOS design.
Available in 8-pin SOIC and TSSOP.
Product Description
The P2005X is a versatile spread spectrum frequency
modulator
designed
specifically
for
input
clock
frequencies from 8MHz to 32MHz. Refer Output
Frequency Selection Table.
The P2005X can generate an
EMI reduced clock from crystal, ceramic resonator, or
system clock. The P2005X offers various percentage
deviations ranging form ±0.6% to ±3.0%. Refer
Frequency Deviation Selections Table.
The P2005X
reduces electromagnetic interference (EMI) at the clock
source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. The P2005X
allows significant system cost savings by reducing the
number of circuit board layers ferrite beads, shielding
and other passive components that are traditionally
required to pass EMI regulations.
The P2005X uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The P2005X modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The P2005X is targeted towards EMI management for
high-speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
VSS
XIN
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
MODOUT
PLL
VDD
SSON#
DIV2
SR0
Crystal
Oscillator
XOUT


Similar Part No. - P2005A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
P2005AF-08SR PULSECORE-P2005AF-08SR Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2005AF-08ST PULSECORE-P2005AF-08ST Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2005AF-08TR PULSECORE-P2005AF-08TR Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
More results

Similar Description - P2005A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
Low Frequency EMI Reduction
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com