Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834ASF Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM1834ASF
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834ASF Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM1834ASF Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
ASM1834/A/D
rev 1.3
April 2005
Detailed Description
Operation Power Monitor
The ASM1834 supervisors simultaneously detect out-of-
tolerance power supply conditions on both 3.3V and 5V
power supplies. If the voltages at 5VIN or 3.3VIN are outside
the tolerance band, the reset for the falling supply voltage
becomes active. When the monitored supply returns to an in-
tolerance state, the reset remains active for approximately
350ms before returning to the inactive state.
On power-up, the reset signals are kept active for
approximately 350ms after the power supply voltages have
reached the selected tolerance. This allows the power supply
and microprocessor to stabilize before the reset is removed.
All supply current for the ASM1834 devices is drawn from the
input (5VIN or 3.3VIN) with the highest voltage level. The
outputs draw current from their input supplies 5VIN and
3.3VIN.
Reset Signal Polarity and Output Stage Structure
The ASM1834 and the ASM1834A supervisors have active
LOW reset signals. The ASM1834D reset outputs are active
HIGH.
The ASM1834 and the ASM1834D have CMOS push-pull
output stages. The ASM1834A has open drain reset outputs.
Part #
RESET
Polarity
Output Stage
Configuration
ASM1834
LOW
Push-Pull
ASM1834U
LOW
Push-Pull
ASM1834S
LOW
Push-Pull
ASM1834A
LOW
Open Drain
ASM1834AU
LOW
Open Drain
ASM1834AS
LOW
Open Drain
ASM1834D
HIGH
Push-Pull
ASM1834DU
HIGH
Push-Pull
ASM1834DS
HIGH
Push-Pull
VOH
VOL
tRPU
RESET
RESET
VINTP(MIN)
VINTP(MAX)
VINTP
tR
VIN
Figure 1: Timing Diagram: Power Up (ASM1834D only)
VOH
VOL
VINTP (MAX)
VINTP
VINTP (MIN)
RESET
RESET
tF
VIN
tRPD
Figure 2: Timing Diagram: Power Down (ASM1834D only)
RESET Slews
with VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com