Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834ASF Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM1834ASF
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834ASF Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM1834ASF Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834ASF Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
ASM1834/A/D
rev 1.3
April 2005
Manual Reset Operation
Push-button switch input, PBRST, allows the user to override
the internal trip point detection circuits and issue reset
signals. The pushbutton input is debounced and is pulled
HIGH through an internal 40k
Ω resistor.
When at least one of the reset outputs is not asserted, a push
button initiated reset signal can be issued by holding PBRST
LOW for at least 2ms. When PBRST is held LOW, both resets
become active and remain active for approximately 350ms
after PBRST returns HIGH. (See figures 3 and 4).
Reset Output Signal
Reset output signals are valid as long as either voltage at
5VIN or 3.3VIN is above 1.2V. In addition, the ASM1834 has
push-pull outputs that can remain valid below a 1.2V input
level. To sink current below 1.2V, a resistor should be
connected from the RESET output to ground. This resistor
guarantees a valid reset signal down to 0V. A 100k
Ω value is
suggested.
The AS1834A open drain reset outputs require pull-up
resistors and must be low enough in value to pull the output
into a HIGH state. Resistor value is not critical in most
applications and a value of 10k
Ω is suggested. (See Figures
5 and 6).
The ASM1834A open drain reset outputs can be connected
to the same potential through a single pull-up resistor. In this
configuration a failure on either supply will generate an active
LOW reset. If the inputs are pulled-up to different voltages,
the reset outputs (pin 2 and pin 7) cannot be connected to
form a wired “AND” (see figure 7).
VOH
VOL
RESET
RESET
PBRST
tPB
tPDLY
VIH
tRST
Figure 4: Timing Diagram: Pushbutton Reset
1
2
3
4
5
6
7
8
3.3V
5V
3.3VIN
3.3V RESET
5VTOL
GND
PBRST
5VIN
5V RESET
3.3VTOL
ASM1834
Figure 3: Pushbutton Reset
RESET
µP
Input
100kΩ
Figure 5: ASM1834 RESET Valid to 0V
1
2
3
4
5
6
7
8
3.3V
5V
3.3VIN
3.3V RESET
5VTOL
GND
PBRST
5VIN
5V RESET
3.3VTOL
ASM1834
Figure 6: ASM1834A Open Drain Output Pull-Up Resistor
10kΩ
10kΩ
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com