Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2040C Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # P2040C
Description  LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2040C Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  P2040C Datasheet HTML 1Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 2Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 3Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 4Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 5Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 6Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 7Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 8Page - Alliance Semiconductor Corporation P2040C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
September 2005
P2040C
rev 1.4
LCD Panel EMI Reduction IC
3 of 9
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
Table 1 illustrates the possible spread spectrum options. The optimal setting should minimize system EMI to the fullest without
affecting system performance. The spreading is described as a percentage deviation of the center frequency
(Note: The center frequency is the frequency of the external reference input on CLKIN, Pin 1).
Example: P2040C is designed for high resolution flat panel applications and is able to support panel frequencies from 50MHz
to 170MHz. For a 65MHz pixel clock frequency, a spreading selection of MRA=0, SR1=1 and SR0 =1 provides a percentage
deviation of ±1.50% (see Table 1). This result in frequency on ModOUT being swept from 64.03MHz to 65.98MHz at a
modulation rate of 50.77KHz (see Table 1). This particular example (see Figure below) given here is a common EMI reduction
method for notebook LCD panel and has already been implemented by most of the leading OEM and mobile graphic
accelerator manufacturers.
Application Schematic for Mobile LCD Graphics Controllers
`
Modulated 65MHz signal with
±1.5 % deviation and modulation
rate of 50.77KHz. This signal is
connected back to the spread
spectrum input pin (SSIN) of the
graphics accelerator.
1
2
3
4
CLKIN
MRA
SR1
VSS
SR0
5
6
7
8
SSON#
ModOUT
VDD
65MHz from graphics accelerator
+3.3V
0.1µF
P2040C
Digital control for the SS enable
or disable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com