Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2040C Datasheet (PDF) - Alliance Semiconductor Corporation

P2040C Datasheet PDF - Alliance Semiconductor Corporation
Part # P2040C
Download  P2040C Download
File Size   159.04 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description LCD Panel EMI Reduction IC

P2040C Datasheet (PDF)

Go To PDF Page Download Datasheet
P2040C Datasheet PDF - Alliance Semiconductor Corporation

Part # P2040C
Download  P2040C Click to download

File Size   159.04 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description LCD Panel EMI Reduction IC

P2040C Datasheet (HTML) - Alliance Semiconductor Corporation


P2040C Product details

Product Description

The P2040C is a selectable spread spectrum frequency modulator designed specifically for digital flat panel applications. The P2040C reduces electromagnetic interference (EMI) at the clock source which provides system wide reduction of EMI of all clock dependent signals. The P2040C allows significant system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations.



Features

FCC approved method of EMI attenuation.

Provides up to 15 dB of EMI suppression

Generates a low EMI spread spectrum clock of the input frequency

50 MHz to 170 MHz input frequency range

Optimized for 54MHz, 65MHz, 81MHz, 140MHz, and 162MHz pixel clock frequencies

Internal loop filter minimizes external components and board space

8 selectable spread ranges, up to +/- 2.2%

SSON# control pin for spread spectrum enable and disable options

2 selectable modulation rates

Low cycle-to-cycle jitter

3.3V operating voltage

16 mA output drives

TTL or CMOS compatible outputs

Ultra low power CMOS design

Supports most mobile graphic accelerator and LCD timing controller specifications

Available in 8 pin SOIC and TSSOP



Applications

The P2040C is targeted towards digital flat panel applications for Notebook PCs, Palm-size PCs, Office Automation Equipments, and LCD Monitors.




Similar Part No. - P2040C

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2040CF-08SR PULSECORE-P2040CF-08SR Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2040CF-08ST PULSECORE-P2040CF-08ST Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2040CF-08TR PULSECORE-P2040CF-08TR Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2040CF-08TT PULSECORE-P2040CF-08TT Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
More results


Similar Description - P2040C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com