Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM708JCPA Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM708JCPA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708JCPA Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM708JCPA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM706 P/ R/ S/ T/ J
ASM708 R/ S/ T/ J
October 2003
rev 1.0
50ns (VCC = 4.5V), the watchdog timer will begin a 1.6
second countdown. Additional transitions at WDI will reset
the watchdog timer and initiate a new countdown sequence.
WDO will also become LOW and remain so, whenever the
supply voltage, VCC, falls below the device threshold level.
WDO goes HIGH as soon as VCC transitions above the
threshold. There is no minimum pulse width for WDO as
there is for the RESET outputs. If WDI is floated, WDO
essentially acts as a low supply voltage output indicator.
Power-failure Detection With Auxiliary Comparator
All devices have an auxiliary comparator with 1.25V trip point.
The output, PFO, is active LOW and the noninverting input is
PFI. This comparator can be used as a supply voltage
monitor with an external resistor voltage divider. As the
monitored voltage level falls, PFI is reduced causing the PFO
output to go LOW. Normally PFO interrupts the processor so
the system can be shut down in a controlled manner.
Application Information
Bi-directional Reset Pin Interfacing
The ASM706/8 can interface with µP/µC bi-directional reset
pins by connecting a 4.7k
Ω resistor in series with the RESET
output and the µP/µC bi-directional reset pin.
Ensuring the RESET is Valid Down to VCC = 0V
When VCC falls below 1.2V, the ASM706R/S/T/J and 708R/S/
T/J RESET reset outputs no longer pull down; it becomes
indeterminate. To avoid the possibility that stray charges
could build up and force RESET to the wrong state, a pull-
down resistor should be connected to the RESET pin, thus
draining such charges to ground. The resistor value is not
critical. A100k
Ω resistor will pull RESET to ground without
loading it.
Figure 2: Watchdog timing
0V
Supply Voltage
BUF
Buffered
RESET
VCC
ASM70x
GND
GND
RESET
RESET
Input
µC or µP
4.7kΩ
Bi-directional I/O Pin
Figure 3: Bi-directional reset pin interfacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com