Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM708JCPA Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM708JCPA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708JCPA Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM708JCPA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM708JCPA Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ASM706 P/ R/ S/ T/ J
9 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
MR Input Threshold
VIH
VRST(MAX) < VCC < 4.5V
0.7VCC
V
VIL
VRST(MAX) < VCC < 4.5V
0.6
VIH
4.5V < VCC < 5.5V
2.0
VIL
4.5V < VCC < 5.5V
0.8
MR Pullup resistor
RP
10
20
40
k
Ω
RESET Output Volt-
age
(All R/S/T/J devices)
VOH
ISOURCE = 800µA, 4.5V < VCC < 5.5V
VCC - 1.5
V
VOL
ISINK = 3.2mA, 4.5V < VCC < 5.5V
0.4
VOH
ISOURCE=500µA, VRST(MAX) < VCC < 4.5V
0.8VCC
VOL
ISINK =1.2mA, VRST(MAX) < VCC < 4.5V
0.3
VOL
ISINK = 50µA, VCC = 1.1V (ASM706xC,
ASM708xC devices)
0.3
ISINK =100µA, VCC = 1.2V (ASM706xE,
ASM708xE devices)
0.3
RESET Output Volt-
age
ASM706P
VOH
ISOURCE = 800µA, 4.5V < VCC < 5.5V
VCC - 1.5
V
VOL
ISINK = 3.2mA, 4.5V < VCC < 5.5V
0.4
VOH
ISOURCE=500µA, VRST(MAX) < VCC <3.6V
0.8VCC
VOL
ISINK =1.2mA, VRST(MAX) < VCC < 3.6V
0.3
RESET Output Volt-
age
ASM708R/S/T/J
VOH
ISOURCE = 800µA, 4.5V < VCC < 5.5V
VCC - 1.5
V
VOL
ISINK = 3.2mA, 4.5V < VCC < 5.5V
0.4
VOH
ISOURCE=500µA, VRST(MAX) < VCC < 4.5V
0.8VCC
VOL
ISINK =1.2mA, VRST(MAX) < VCC < 4.5V
0.3
Watchdog Timeout
Period
tWD
VCC = 3V (ASM706, P/R devices).
s
VCC = 3.3V (ASM706 S/T devices).
1.0
1.6
2.25
VCC = 4.4V (ASM706, J devices).
WDI Pulse Width
tWP
VIL = 0.4V, VIH=0.8VCC,
VRST(MAX) < VCC < 4.5V
100
ns
VIL = 0.4V, VIH=0.8VCC,
4.5V < VCC < 5.5V
50
Parameter
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com