Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3L40FL Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 3L40FL
Description  Trench MOS Barrier Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

3L40FL Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  3L40FL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 3L40FL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 3L40FL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3L40FL SOD-123FL
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
RATINGS AND CHARACTERISTIC CURVES
Tj=150
℃
Tj=125
℃
Tj=75
℃
4
60
50
3
40
2
30
20
1
10
0
0
25
50
75
100
125
150
0
1
100
10
10
100000
10000
1000
100
1
10
250
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
Vf, Instantaneous Forward Voltage (mV)
100000
1000
10
0
1
10
100
Tj=150
℃
Tc, Case Temp (oC)
Current Derating, Case
Number of Cycles at 60 Hz
Maximum Repetitive Surge Current
Typical Forward Voltage
VR, Reverse Voltage (Volts)
Typical Reverse Current
Reverse Voltage (V)
Typical Junction Capacitance
Tj=25
℃
Tj=75
℃
Tj=25
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com