Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3L40FL Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 3L40FL
Description  Trench MOS Barrier Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

3L40FL Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  3L40FL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 3L40FL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 3L40FL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3L40FL SOD-123FL
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Trench MOS Barrier Schottky Rectifier
Reverse Voltage - 40 V
Forward Current - 3 A
FEATURES
Advanced trench technology
Low forward voltage drop
Low power losses
High efficiency operation
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-123FL
Terminals: Solderable per MIL-STD-750, Method 2026
SOD-123FL
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Parameter
Symbols
Value
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum RMS voltage
VRMS
40
V
Maximum DC Blocking Voltage
VDC
40
V
Maximum Average Forward Rectified Current
Per diode
IF(AV)
3
A
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
superimposed on rated load per diode
IFSM
55
A
Operating Temperature Range
TJ
-55 ~ +150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Typical Thermal Resistance Per diode(munted on
FR-4 PCB)
SOD-123FL
RθJC
150
°C/W
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbols
Value
Units
Forward Voltage Drop(Note2)
VF
Typ
Max
V
at IF=3A Instantaneous forward voltage per diode
TA=25°C
0.39
0.46
TA=125°C
0.32
-
Instantaneous reverse current per diode at rated
reverse voltage
TA=25°C
IR
100
500
uA
TA=125°C
100
-
mA
Note2: (1)
Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≦ 40 ms


Similar Part No. - 3L40FL

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
3L40-DO YFWDIODE-3L40-DO Datasheet
2Mb / 3P
Trench MOS Barrier Schottky Rectifier
3L40-DO-15 YFWDIODE-3L40-DO-15 Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
Trench MOS Barrier Schottky Rectifier
3L40AF YFWDIODE-3L40AF Datasheet
2Mb / 3P
Trench MOS Barrier Schottky Rectifier
3L40AF-SMAF YFWDIODE-3L40AF-SMAF Datasheet
2Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results

Similar Description - 3L40FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
Trench MOS Barrier Schottky Rectifier
30-Apr-13
logo
DONGGUAN YOU FENG WEI E...
5V100-DO YFWDIODE-5V100-DO Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com