Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA281A2IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A2IDBVR
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A2IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  INA281A2IDBVR Datasheet HTML 1Page - Texas Instruments INA281A2IDBVR Datasheet HTML 2Page - Texas Instruments INA281A2IDBVR Datasheet HTML 3Page - Texas Instruments INA281A2IDBVR Datasheet HTML 4Page - Texas Instruments INA281A2IDBVR Datasheet HTML 5Page - Texas Instruments INA281A2IDBVR Datasheet HTML 6Page - Texas Instruments INA281A2IDBVR Datasheet HTML 7Page - Texas Instruments INA281A2IDBVR Datasheet HTML 8Page - Texas Instruments INA281A2IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
OUT
2
GND
3
Vs
4
IN+
5
IN±
Not to scale
1
OUT
2
GND
3
IN+
4
IN±
5
Vs
Not to scale
3
INA281
www.ti.com
SBOSA29 – JUNE 2020
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
INA281A: DBV Package
5-Pin SOT-23
Top View
INA281B: DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
INA281A
INA281B
GND
2
2
Ground
Ground
IN–
4
5
Input
Shunt resistor negative sense input
IN+
3
4
Input
Shunt resistor positive sense input
OUT
1
1
Output
Output voltage
Vs
5
3
Power
Power supply
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
(VS)
–0.3
22
V
Analog Inputs,
VIN+, VIN–
(2)
Differential (VIN+) – (VIN–), INA281A5, INA281B5
–6
6
V
Differential (VIN+) – (VIN–), All others
–12
12
Common-mode
–20
120
Output
GND – 0.3
VS + 0.3
V
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com