Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA281A2IDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A2IDBVR
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A2IDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA281A2IDBVR Datasheet HTML 9Page - Texas Instruments INA281A2IDBVR Datasheet HTML 10Page - Texas Instruments INA281A2IDBVR Datasheet HTML 11Page - Texas Instruments INA281A2IDBVR Datasheet HTML 12Page - Texas Instruments INA281A2IDBVR Datasheet HTML 13Page - Texas Instruments INA281A2IDBVR Datasheet HTML 14Page - Texas Instruments INA281A2IDBVR Datasheet HTML 15Page - Texas Instruments INA281A2IDBVR Datasheet HTML 16Page - Texas Instruments INA281A2IDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IN+
IN±
OUT
-
+
Buffer
Current
Feedback
5 V
GND
RL
R1
R1
Bias
RSENSE
ISENSE
48-V
Supply
Load
13
INA281
www.ti.com
SBOSA29 – JUNE 2020
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Unidirectional Operation
The INA281 measures the differential voltage developed by current flowing through a resistor that is commonly
referred to as a current-sensing resistor or a current-shunt resistor. The INA281 operates in unidirectional mode
only, meaning it only senses current sourced from a power supply to a system load as shown in Figure 28.
Figure 28. Unidirectional Application
The linear range of the output stage is limited to how close the output voltage can approach ground under zero-
input conditions. The zero current output voltage of the INA281 is very small, with a maximum of GND + 20 mV.
Make sure to apply a differential input voltage of (20 mV / Gain) or greater to keep the INA281 output in the
linear region of operation.
7.4.2 High Signal Throughput
With a bandwidth of 1.3 MHz at a gain of 20 V/V and a slew rate of 2.5 V/µs, the INA281 is specifically designed
for detecting and protecting applications from fast inrush currents. As shown in Table 2, the INA281 responds in
less than 2 µs for a system measuring a 75-A threshold on a 2-mΩ shunt.
Table 2. Response Time
PARAMETER
EQUATION
INA281
AT VS = 5 V
G
Gain
20 V/V
IMAX
Maximum current
100 A
IThreshold
Threshold current
75 A
RSENSE
Current sense resistor value
2 mΩ
VOUT_MAX
Output voltage at maximum current
VOUT_MAX = IMAX × RSENSE × G
4 V
VOUT_THR
Output voltage at threshold current
VOUT_THR = ITHR × RSENSE × G
3 V
SR
Slew rate
2.5 V/µs
Output response time
Tresponse= VOUT_THR / SR
< 2 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com