Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2084A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2084A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P2084A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
P2082A
October 2003
P2084A
rev 0.4
Low Cost Frequency Multiplier
4 of 9
Notice: The information in this document is subject to change without notice.
Output Clock Selection Example
The P2084A can generate 4X from the input reference frequency. P2084A’s internal crystal oscillator circuits
allow the use of an inexpensive crystal of resonator to replace expensive can oscillators that are used in
networking, PC peripherals, xDSL, and consumer applications for high frequency generation. Its input frequency
range is optimized for operation from 3 MHz to 78 MHz, and its output frequency can deliver up to 312 MHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com