Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2084A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2084A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  P2084A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P2082A
October 2003
P2084A
rev 0.4
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low Cost Frequency Multiplier
Features
Generates 2X and 4X clocks of the input clock
frequency
Input clock frequency range from 3 MHz to 78 MHz
Provides up to:
P2082A: 156 MHz output clock frequency
P2084A: 312 MHz output clock frequency
External loop filter
Low cycle-to-cycle jitter
3.3 V operating voltage range
10 mA output drives
TTL or CMOS compatible outputs
Ultra-low power CMOS design
Available in industrial temperature range
(-25C to +85C)
Available in 8-pin SOIC and TSSOP
Product Description
The P2082A and P2084A are versatile frequency
multipliers that are designed specifically as cost effective
alternatives to the high precision frequency oscillator.
The P2082A/84A can generate a 2X and 4X output clock
respectively of the input frequency which allows system
cost savings by using an inexpensive crystal or resonator
to achieve high frequency multiplication.
The P2082A/84A provides up to 156 MHz and 312 MHz
output clock frequencies respectively through the use of the
Phase-Lock-Loop (PLL) technique which delivers low jitter
and high precision synthesized clocks.
Applications
The P2082A/84A is targeted towards the high frequency
CAN OSC replacement market. Applications include xDSL,
routers, networking, PC peripherals, and embedded
systems.
Block Diagram


Similar Part No. - P2084A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
P2084AF-08SR ONSEMI-P2084AF-08SR Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
P2084AF-08SR ONSEMI-P2084AF-08SR Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
P2084AF-08ST ONSEMI-P2084AF-08ST Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
P2084AF-08ST ONSEMI-P2084AF-08ST Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
More results

Similar Description - P2084A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
144Kb / 8P
Low Cost Analog Multiplier
REV.B
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
Low Cost Frequency Multiplier
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
Analog Devices
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com