Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832W/EM Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04832W/EM
Description  LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832W/EM Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMK04832W/EM Datasheet HTML 35Page - Texas Instruments LMK04832W/EM Datasheet HTML 36Page - Texas Instruments LMK04832W/EM Datasheet HTML 37Page - Texas Instruments LMK04832W/EM Datasheet HTML 38Page - Texas Instruments LMK04832W/EM Datasheet HTML 39Page - Texas Instruments LMK04832W/EM Datasheet HTML 40Page - Texas Instruments LMK04832W/EM Datasheet HTML 41Page - Texas Instruments LMK04832W/EM Datasheet HTML 42Page - Texas Instruments LMK04832W/EM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
8.4.3 Distribution Mode
Figure 8-15 illustrates the use case of distribution mode. As in all the other use cases, OSCin to OSCout can be
used as a buffer to OSCin or from clock distribution path through CLKout6, CLKout8, or the SYSREF divider.
At high frequency, the input impedance to Fin0/Fin1 is low and a resistive pad is recommended for matching.
Fin0
Fin0*
OSCout
OSCout*
CLKoutY
CLKoutY*
CLKoutX
CLKoutX*
7 blocks
7 blocks
Device Clock
Divider
Digital Delay
SYSREF
Digital Delay
Analog Delay
Global SYSREF
Divider and DDLY
CLKin0
CLKin0*
OSCin
OSCin*
CLKout6/8
Copyright © 2020, Texas Instruments Incorporated
Fin1
Fin1*
Figure 8-15. Simplified Functional Block Diagram for Distribution Mode
8.5 Programming
The LMK04832 device is programmed using 24-bit registers. Each register consists of a 1-bit command field
(R/W), a 15-bit address field (A14 to A0) and a 8-bit data field (D7 to D0). The contents of each register is
clocked in MSB first (R/W), and the LSB (D0) last. During programming, the CS* signal is held low. The serial
data is clocked in on the rising edge of the SCK signal. After the LSB is clocked in, the CS* signal goes high to
latch the contents into the shift register. TI recommends to program registers in numeric order (for example,
0x000 to 0x555 with exceptions noted in the Section 8.5.1). Each register consists of one or more fields which
control the device functionality. See the Section 6.5 section and Figure 6-1 for timing details.
8.5.1 Recommended Programming Sequence
Registers are generally programmed in numeric order with 0x000 being the first and 0x555 being the last register
programmed. The recommended programming sequence from POR involves:
1. Program register 0x000 with RESET = 1.
2. Program defined registers from 0x000 to 0x165.
3. If PLL2 is used, program 0x173 with PLL2_PD and PLL2_PRE_PD clear to allow PLL2 to lock after PLL2_N
is programmed.
4. Continue programming defined registers from 0x166 to 0x555.
Note
When using the internal VCO, PLL2_N registers 0x166, 0x167, and 0x168 must be programmed after
other PLL2 dividers are programed to ensure proper VCO frequency calibration. This is also true for
PLL2_N_CAL registers 0x163, 0x164, 0x165 when PLL2_NCLK_MUX = 1. So if any divider such as
PLL2_R is altered to change the VCO frequency, the VCO calibration must be run again by
programming PLL2_N.
Power up PLL2 by setting PLL2_PRE_PD = 0 and PLL2_PD = 0 in register 0x173 before
programming PLL2_N.
www.ti.com
LMK04832-SP
SNAS698A – MARCH 2017 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LMK04832-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com