Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832W/EM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04832W/EM
Description  LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832W/EM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK04832W/EM Datasheet HTML 9Page - Texas Instruments LMK04832W/EM Datasheet HTML 10Page - Texas Instruments LMK04832W/EM Datasheet HTML 11Page - Texas Instruments LMK04832W/EM Datasheet HTML 12Page - Texas Instruments LMK04832W/EM Datasheet HTML 13Page - Texas Instruments LMK04832W/EM Datasheet HTML 14Page - Texas Instruments LMK04832W/EM Datasheet HTML 15Page - Texas Instruments LMK04832W/EM Datasheet HTML 16Page - Texas Instruments LMK04832W/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
VDD, VDD_A = 3.3 V ± 5 %, –55 °C ≤TA ≤ 125 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output Low Voltage
0.4
V
Digital Inputs
VIH
High-level input voltage
1.2
V
VIL
Low-level input voltage
0.5
V
IIH
High-level input current
CLKinX_SEL,RESET/
GPO,SYNC,SCK,SDIO, CS*
10
80
uA
SYNC
VIH = VCC
25
IIL
Low-level input current
CLKinX_SEL,RESET/
GPO,SYNC,SCK,SDIO, CS*
–5
5
uA
IIL
Low-level input current
SYNC
VIL = 0 V
–5
5
6.6 Timing Requirements
VDD, VDD_A = 3.3 V ± 5 %, –55 °C ≤TA ≤ 125 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless
otherwise noted)
MIN
NOM
MAX
UNIT
Timing Requirements
tdS
SYNC/SysRef Pin Setup Time
11
ns
tdH
Sync/SysRef Hold Time
11
ns
tdS
Setup time for SDI edge to SCLK rising edg
40
ns
tdH
Hold time for SDI edge to SCLK rising edge
20
ns
tSCLK
Period of SCLK
400
ns
tHIGH
High width of SCK
120
ns
tLOW
Low width of SCK
120
ns
tCS
Setup time for CS* falling edge to SCLK rising edge
40
ns
tCH
Hold time for CS* rising edge from SCLK rising edge
40
ns
tDV
SCLK falling edge to valid read back data
120
ns
6.7 Timing Diagram
Register programming information on the SDIO pin is clocked into a shift register on each rising edge of the SCK
signal. On the rising edge of the CS* signal, the register is sent from the shift register to the register addressed.
A slew rate of at least 30 V/µs is recommended for these signals. After programming is complete the CS* signal
should be returned to a high state. If the SCK or SDIO lines are toggled while the VCO is in lock, as is
sometimes the case when these lines are shared with other parts, the phase noise may be degraded during this
programming.
4-wire mode read back has same timing as SDIO pin.
R/W bit = 0 is for SPI write. R/W bit = 1 is for SPI read.
www.ti.com
LMK04832-SP
SNAS698A – MARCH 2017 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMK04832-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com