Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # LE910
Description  LE 910 Cat.1 Mini PCIe Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910 Datasheet(HTML) 1 Page - Telit loT Solutions

  LE910 Datasheet HTML 1Page - Telit loT Solutions LE910 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The LE910 series of Cat. 1 Mini PCIe (mPCIe) modules are
optimized for LTE low category networks and are available
in single mode and 3G/2G fallback options. In addition to
VoLTE support, the LE910 Cat.1 series are swappable with
other modules in the xE910 mPCIe family.
.
Key Benefits
• Standard Mini PCIe Data-card form factor
• Easy to integrate with peripherals and actuators using
USB 2.0 HS, UART and user definable GPIOs
• Battery-friendly 1.8V GPIO
• Ideal platform for IoT applications and mobile data
and computing devices with ultra-compact design and
extended operating temperature range
• Internet friendly with integrated TCP/IP and UDP/IP
stacks, as well as HTTP, SMTP, FTP, SSL
• Simple drop-in migration and technology design reuse
path to 2G and 3G with any xE910 module
• Over-the-Air firmware update
Family Concept
Longevity and cost efficiency are built right into the devel-
oper’s product architecture with the Telit family, “design
once, use anywhere” philosophy. Designers looking to add
LTE Cat 1 to commercial and industrial computing devices
benefit from the simple, yet powerful mPICe form factor
with the flexibility to choose another technology best suited
for the application enviornment from any one of the other
models in the xE910 mPCIe series.
IoT Connectivity Ready
This product is capable of supporting the extensive suite
of Value Added Services from IoT Connectivity including
Module Management and others which make the
management of IoT deployments under mobile networks
effective, enhancing profitability and reliability. It is also
Portal-ready which means that the AT command library
in this module includes a set of high-level commands
designed exclusively for quick and hassle-free on-boarding
of the device to the portal and to back-end systems
and servers. Telit Portal-ready modules powered by
deviceWISE make application-level data flows and controls
simple to program, maintain and improve.
Variants
Different series of variants are available to fulfill the
requirements of North American, Japanese and European
markets. Multiband configurations, covering different sets
of 4G bands as well as MNO certifications, are available.
LE910 Cat.1 Mini PCIe Series
EMEA
North America
Latin America
Japan
Korea
Australia
AVAILABLE FOR
www.telit.com
Combine your
Cellular module with
GNSS
modules
Short Range
modules
Complete, Ready
to Use Access to the
Internet of Things
IoT MODULES
IoT CONNECTIVITY
IoT PLATFORMS
IoT KNOW-HOW
51 mm
30 mm
3.2 mm
LTE Cat.1 10/5
mPCIe Data Cards
Connecting the world
from the inside out
1


Similar Part No. - LE910

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
LE910 TELIT-LE910 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
LE910-EU1 TELIT-LE910-EU1 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
LE910-EUV2 TELIT-LE910-EUV2 Datasheet
1Mb / 2P
LTE 100/50 | DC-HSPA 42.0/5.76 Embedded
LE910-JN1 TELIT-LE910-JN1 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
LE910-NA1 TELIT-LE910-NA1 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
More results

Similar Description - LE910

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-C107 ADVANTECH-EWM-C107 Datasheet
742Kb / 1P
EVDO Mini PCIe Card
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
PCIe Mini Card
logo
Protech Systems Co., Lt...
PSB-828LF PROTECHSYSTEMS-PSB-828LF Datasheet
854Kb / 2P
Expansion Slot for 1 x Mini PCIe
logo
Skyworks Solutions Inc.
SKY65249-11 SKYWORKS-SKY65249-11_07 Datasheet
1Mb / 2P
PCIe, mini PCI card bus
logo
Quectel Wireless Soluti...
EP06 QUECTEL-EP06 Datasheet
655Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 Mini PCIe Module
logo
Telit loT Solutions
LE910CX TELIT-LE910CX_V01 Datasheet
1Mb / 2P
LE 910Cx Mini PCIe Series
logo
Apacer Technology Inc.
PV170-MPCIE APACER-PV170-MPCIE Datasheet
864Kb / 4P
mini PCIe Disk Module
logo
u-blox AG
MPCI-L2 U-BLOX-MPCI-L2 Datasheet
464Kb / 31P
Multi-mode LTE Cat 4 Mini PCIe modules with HSPA and/or 2G fallback
27-May-2021
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
logo
RAYEX ELECTRONICS CO., ...
LE-12FW RAYEX-LE-12FW Datasheet
515Kb / 2P
LE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com