Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # LE910
Description  LE 910 Cat.1 Mini PCIe Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910 Datasheet(HTML) 2 Page - Telit loT Solutions

  LE910 Datasheet HTML 1Page - Telit loT Solutions LE910 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LE910-SV1
LE910-NA1
LE910-EU1
LE910-JN1
Market
North America (Verizon)
North America
(AT&T, T-Mobile)*
Europe
Japan
(NTT DoCoMo)
Frequencies
4G bands (MHz)
B2(1900)W
B4(AWS1700)
B13(700)
B2(1900),
B4(AWS1700),
B5(850),
B12/B13(700)
B1(2100),
B3(1800),
B7(2600),
B8(900),
B20(800)
B1(2100),
B19(850),
B21(1500)
3G bands (MHz)
B2(1900)
B5(850)
2G bands (MHz)
B3(1800),
B8(900)
Voice
VoLTE
LE910 Cat.1 Series
Product Features
• LTE FDD Cat.1, 3GPP release 9 compliant
• Rx Diversity and MIMO DL 2x2
• SIM application Tool Kit 3GPP TS 51.014
• Serial port multiplexer 3GPP TS27.010
• SMS over IMS
• Built in UDP/TCP/FTP/SMTP stack
• Control via AT commands according to 3GPP
TS 27.005, 27.007 and Telit Custom AT
commands
• VoLTE
Data
LTE Cat.1
• Uplink up to 5 Mbps
• Downlink up to 10 Mbps
Environmental
• Dimensions 51 x 30 x 3.2 mm
• Operating and Storage Temperature Range
-40°C to +85°C
• REACH and RoHS compliant
Interfaces
• 144-pin LGA Interface
• 10 I/O ports (@1.8V) including
multifunctional I/Os
• USB 2.0 HS
• UART
• 1.8 V / 3 V SIM interface
• RF pad, RX Div. & MIMO pad
Approvals
• FCC/IC, PTCRB, GCF (North America)
• R&TTE/GCF (Europe)
• Radio/Telecom Biz Act (Japan)
Electrical & Sensitivity
• Output power
- Class 3 (0.2 W, 23 dBm) @ LTE
- Class 3 (0.25 W, 23 dBm) @ 3G
- Class 4 (2W) @ GSM 900
- Class 1 (1W) @ DCS 1800
• Supply voltage
- Nominal: 3.8 VDC
- Range: 3.3 - 4.2 VDC
Software and Application
Development
AppZone application resources
• Programming language: C
• IDE: Eclipse
• Dedicated File System: 5 MB
• Separate App. RAM Space: 2 MB
*Single SKU option available for LE910-NA1 with flexibility to
switch between AT&T/TMobile and Verizon software configuration
and vice versa, due to both operators bands support (B2, B4, B5,
B12 for AT&T and B2, B4, B13 for Verizon) featuring a Fast Time
Switch from one configuration to the other one.
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2018, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/googleplus |
www.telit.c
www.telit.com/facebook |
om/facebook |
edin |
edin |
www.telit.com/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com