Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # LE910
Description  LTE Cat.1 10/5 Embedded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910 Datasheet(HTML) 1 Page - Telit loT Solutions

  LE910 Datasheet HTML 1Page - Telit loT Solutions LE910 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The LE910 series of Cat. 1 modules are optimized for LTE
low category networks and are available in single mode
and 3G/2G fallback options. In addition to VoLTE support,
the LE910Cat.1 series are swappable with other modules
in the xE910 family.
Key Benefits
• Easy to integrate with peripherals and actuators using
USB 2.0 HS, UART and user definable GPIOs
• Ideal platform for IoT applications and mobile data
and computing devices with ultra-compact design and
extended operating temperature range
• Internet friendly with integrated TCP/IP and UDP/IP
stacks, as well as HTTP, SMTP, FTP, SSL
• Simple drop-in migration and technology design reuse
path to 2G and 3G with any xE910 module
• Over-the-Air firmware update
Family Concept
These LTE low category variants are members of Telit’s
flagship xE910 module family delivering 4G radio access
technology in the 28.2 x 28.2 x 2.2 mm family form factor.
The Telit xE910 Unified Form Factor Family is comprised
of 2G, 3G, and 4G, 3GPP and 3GPP2 products sharing a
common form factor as well as electrical and programing
interfaces which allows developers to implement a “design
once, use anywhere” strategy.
IoT Connectivity Ready
This product is capable of supporting the extensive suite
of Value Added Services from IoT Connectivity including
Module Management and others which make the
management of IoT deployments under mobile networks
effective, enhancing profitability and reliability. It is also
Portal-ready which means that the AT command library
in this module includes a set of high-level commands
designed exclusively for quick and hassle-free on-boarding
of the device to the portal and to back-end systems
and servers. Telit Portal-ready modules powered by
deviceWISE make application-level data flows and controls
simple to program, maintain and improve.
Variants
Different series of variants are available to fulfill the
requirements of North America (AT&T, T-Mobile, Verizon,
Rogers,Telus), Japanese and European market. Multiband
configurations, covering different sets of 4G bands as well
as MNO certifications, are available.
LE910 Cat.1 Series
EMEA
North America
Latin America
Japan
Korea
Australia
ENABLING END-TO-END
IOT SOLUTIONS
AVAILABLE FOR
www.telit.com
Combine your
Cat 1 module with
GNSS
modules
High precision
GNSS
modules
Complete, Ready
to Use Access to the
Internet of Things
IoT MODULES
IoT CONNECTIVITY
IoT PLATFORMS
IoT KNOW-HOW
LTE Cat.1 10/5 Embedded
28.2 mm
2.2 mm
28.2 mm


Similar Part No. - LE910

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
LE910 TELIT-LE910 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
LE910-EU1 TELIT-LE910-EU1 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
LE910-EUV2 TELIT-LE910-EUV2 Datasheet
1Mb / 2P
LTE 100/50 | DC-HSPA 42.0/5.76 Embedded
LE910-JN1 TELIT-LE910-JN1 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
LE910-NA1 TELIT-LE910-NA1 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
More results

Similar Description - LE910

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
LE910CX TELIT-LE910CX Datasheet
729Kb / 2P
LTE Cat.4 150/50 - Cat.1 10/5 Embedded
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
LTE Cat M1/NB2 Embedded
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
LTE Cat M1/NB1 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
LTE Cat M1/NB2 Embedded
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
LTE Cat M1/NB1 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
LTE Cat M1/NB2 Embedded
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
LTE Cat NB2 Embedded
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
LTE Cat NB1 Embedded
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
LTE Cat NB2 Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com