Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # LE910
Description  LTE Cat.1 10/5 Embedded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910 Datasheet(HTML) 2 Page - Telit loT Solutions

  LE910 Datasheet HTML 1Page - Telit loT Solutions LE910 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LE910-SV1
LE910-SVL
LE910-NA1
LE910B1-NA
LE910B1-SA
LE910-EU1
LE910-JN1
Market
North America
(Verizon)
North America
(Verizon)
North America
(AT&T, T-Mobile)*
North America
(AT&T
)*
North America
(AT&T)
Europe
Japan
(NTT DoCoMo)
Frequencies
4G bands (MHz)
B2(1900)
B4(AWS1700)
B13(700)
B4(AWS1700)
B13(700)
B2(1900)
B4(AWS1700)
B5(850)
B12/B13(700)
B2(1900)
B4(AWS1700)
B5(850)
B12/B13(700)
B2(1900)
B4(AWS1700)
B12(700)
B1(2100)
B3(1800)
B7(2600)
B8(900)
B20(800)
B1(2100)
B19(850)
B21(1500)
3G bands (MHz)
B2(1900)
B5(850)
B2(1900)
B5(850)
2G bands (MHz)
B3(1800)
B8(900)
Voice
VoLTE
VoLTE
VoLTE
VoLTE
LE910 Cat.1 Series
Product Features
• LTE FDD Cat.1, 3GPP release 9 compliant
• Rx Diversity and MIMO DL 2x2
• SIM application Tool Kit 3GPP TS 51.014
• Serial port multiplexer 3GPP TS27.010
• SMS over IMS
• Built in UDP/TCP/FTP/SMTP stack
• Control via AT commands according to 3GPP
TS 27.005, 27.007 and Telit Custom AT
commands
• VoLTE
Data
LTE Cat.1
• Uplink up to 5 Mbps
• Downlink up to 10 Mbps
Environmental
• Dimensions 28.2 x 28.2 x 2.2 mm
• Operating and Storage Temperature Range
-40°C to +85°C
• REACH and RoHS compliant
Interfaces
• 144-pin LGA Interface
• 10 I/O ports (@1.8V) including
multifunctional I/Os
• USB 2.0 HS
• UART
• 1.8 V / 3 V SIM interface
• RF pad, RX Div. & MIMO pad
Approvals
• FCC/IC, PTCRB, GCF (North America)
• R&TTE/GCF (Europe)
• Radio/Telecom Biz Act (Japan)
Electrical & Sensitivity
• Output power
- Class 3 (0.2 W, 23 dBm) @ LTE
- Class 3 (0.25 W, 23 dBm) @ 3G
- Class 4 (2W) @ GSM 900
- Class 1 (1W) @ DCS 1800
• Supply voltage
- Nominal: 3.8 VDC
- Range: 3.3 - 4.2 VDC
Software and Application
Development
AppZone application resources
• Programming language: C
• IDE: Eclipse
• Dedicated File System: 5 MB
• Separate App. RAM Space: 2 MB
*Single SKU option available for LE910-NA1 and LE910B1-NA with
flexibility to switch between AT&T/T-Mobile/Canada and Verizon
software configuration and vice versa, due to both bands subset
support (B2, B4, B5, B12, B13 for AT&T/T-Mobile/Canada and B2, B4,
B13 for Verizon) featuring a Fast Time Switch from one configuration
to the other one.
Telit Wireless Solutions Inc.
3131 RDU Center Drive, Suite 135
Morrisville, NC 27560, USA
Phone +1 888 846 9773 or +1 919 439 7977
Fax
+1 888 846 9774 or +1 919 840 0337
E-Mail NORTHAMERICA @ telit.com
Telit Wireless Solutions Inc.
Rua Paes Leme, 524, Conj, 126
05424-101, Pinheiros
São Paulo-SP-Brazil
Phone +55 11 3031 5051
Fax
+55 11 3031 5051
E-Mail LATINAMERICA @ telit.com
Telit Wireless Solutions Co., Ltd.
8th Fl., Shinyoung Securities Bld.
6, Gukjegeumyung-ro8-gil, Yeongdeungpo-gu
Seoul, 150-884, Korea
Phone +82 2 368 4600
Fax
+82 2 368 4606
E-Mail APAC @telit.com
Join the Telit Technical Forum
Join the Telit Technical Forum and discuss ideas with other
members in the IoT community. System integrators, develop-
ers and partner companies can exchange opinions and ideas
amongst themselves and receive timely valuable assistance
from any of the four Telit Technical Support Centers (TTSC)
around the world. At the same time, the open forum offers
an invaluable technical knowledge database on everything
concerning IoT.
www.telit.com
www.telit.com/techforum
www.telit.com/facebook
www.twitter.com/Telit_IoT
Telit Communications S.p.A.
Via Stazione di Prosecco, 5/B
I-34010 Sgonico (Trieste), Italy
Phone +39 040 4192 200
Fax
+39 040 4192 383
E-Mail EMEA @ telit.com
Telit reserves all rights to this document and the information contained herein. Products, names, logos
and designs described herein may in whole or in part be subject to intellectual property rights.
The information contained herein is provided “as is”. No warranty of any kind, either express or implied,
is made in relation to the accuracy, reliability, fitness for a particular purpose or content of this document.
This document may be revised by Telit at any time. For most recent documents, please visit www.telit.com
Copyright © 2017, Telit
* Copyright © 1990-2017, Python Software Foundation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com