Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910V2 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # LE910V2
Description  LTE 100/50 | DC-HSPA 42.0/5.76 Embedded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910V2 Datasheet(HTML) 1 Page - Telit loT Solutions

  LE910V2 Datasheet HTML 1Page - Telit loT Solutions LE910V2 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The LE910V2 series of 4G LTE modules are compliant with
the 3GPP Release 9 and are available in LTE single-mode
and 3G/2G fallback variants as needed for specific regions,
carriers, and use cases. The fully certified LE910V2 is easy
to integrate with peripherals and actuators using USB 2.0
HS, UART, and user-defined GPIOs.
Key Benefits
• Increased connectivity performance with MIMO 2x2
• Ideal platform for m2m applications and mobile data and
computing devices with ultra-compact design and
extended operating temperature range
• Internet friendly with integrated TCP/IP and
UDP/IP stacks
• Simple drop-in migration and technology design reuse
path to 2G and 3G with any xE910 module
• Over-the-Air firmware update
• Bundle options with Telit GNSS solutions
Family Concept
The LE910 V2 is a member of Telit’s flagship xE910 module
family delivering 4G radio access technology in the 28.2 x
28.2 x 2.2 mm family form factor. The Telit xE910 Unified
Form Factor Family is comprised of 2G, 3G, and 4G, 3GPP
and 3GPP2 products sharing a common form factor as
well as electrical and programing interfaces which allows
developers to implement a “design once, use anywhere”
strategy.
Variants
Different series of variants are available to fulfill the
requirements of North America (AT&T, T-Mobile, Verizon,
Rogers, Bell, Telus), Australian and European market. Mul-
tiband configurations, covering different sets of 4G bands
as well as MNO certifications, are available.
IoT Connectivity and Portal Ready
This product is capable of supporting the extensive suite
of Value Added Services from IoT Connectivity including
Module Management and others which make the manage-
ment of IoT deployments under mobile networks effective,
enhancing profitability and reliability. It is also Portalready
which means that the AT command library in this module
includes a set of high-level commands designed exclu-
sively for quick and hassle-free on-boarding of the device
to the portal and to back-end systems and servers. Telit
Portal-ready modules powered by deviceWISE make appli-
cation-level data flows and controls simple to program,
maintain and improve.
LE910 V2 Series
EMEA
North America
Latin America
Japan
Korea
Australia
LTE 100/50 | DC-HSPA+ 42.0/5.76 Embedded
ENABLING END-TO-END
IoT SOLUTIONS
AVAILABLE FOR
www.telit.com
IoT MODULES
IoT CONNECTIVITY
IoT PLATFORMS
IoT KNOW-HOW
28.2 mm
2.2 mm
28.2 mm


Similar Part No. - LE910V2

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
LE910 TELIT-LE910 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
LE910 TELIT-LE910 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
LE910-EU1 TELIT-LE910-EU1 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
LE910-EU1 TELIT-LE910-EU1 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
LE910-JN1 TELIT-LE910-JN1 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
More results

Similar Description - LE910V2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2666 MAXIM-MAX2666 Datasheet
1Mb / 9P
Tiny Low-Noise Amplifiers for HSPA/LTE
Rev 0; 8/10
logo
Telit loT Solutions
LM940 TELIT-LM940 Datasheet
148Kb / 2P
LTE 600/75 | HSPA 42.0/11.5 mPCIe
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
LTE Cat NB2 Embedded
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
LTE Cat NB1 Embedded
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
LTE Cat NB2 Embedded
UE866 TELIT-UE866 Datasheet
413Kb / 2P
UMTS| HSPA 7.2/5.76 Embedded
UE910-EU TELIT-UE910-EU Datasheet
644Kb / 2P
HSPA 7.2/5.76 Embedded
UL865 TELIT-UL865 Datasheet
727Kb / 2P
UMTS | HSPA 7.2/5.76 Embedded
UL865-EU TELIT-UL865-EU Datasheet
786Kb / 2P
UMTS | HSPA 7.2/5.76 Embedded
XE910 TELIT-XE910 Datasheet
594Kb / 2P
LTE 150/50 | DC-HSPA 42.0/11.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com