Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910V2 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # LE910V2
Description  LTE 100/50 | DC-HSPA 42.0/5.76 Embedded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910V2 Datasheet(HTML) 2 Page - Telit loT Solutions

  LE910V2 Datasheet HTML 1Page - Telit loT Solutions LE910V2 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Features
• LTE FDD Cat.4, 3GPP release 9 compliant
• Rx Diversity and MIMO DL 2x2
• SIM application Tool Kit 3GPP TS 51.014
• Serial port multiplexer 3GPP TS27.010
• SMS over IMS
• Built in UDP/TCP/FTP/SMTP stack
• Control via AT commands according to
3GPP TS 27.005, 27.007 and Telit Custom
AT commands
• VoLTE
Data
LTE Cat.4
• Uplink up to 50 Mbps
• Downlink up to 150 Mbps
Interfaces
• 144-pin LGA Interface
• 10 I/O ports (@1.8V) including
multifunctional I/Os
• USB 2.0 HS
• UART
• 1.8 V / 3 V SIM interface
• RF pad, RX Div. & MIMO pad
Approvals
• FCC /IC, PTCRB /GCF , (North America)
• R&TTE / GCF (Europe)
Environmental
• Dimensions 28.2 x 28.2 x 2.2 mm
• Operating and Storage Temperature Range
-40°C to +85°C
• REACH and RoHS compliant
Electrical & Sensitivity
• Output power
- Class 3 (0.2 W, 23 dBm) @ LTE
- Class 3 (0.25 W, 23 dBm) @ 3G
- Class 4 (2W) @ GSM 900
- Class 1 (1W) @ DCS 1800
• Supply voltage
- Nominal: 3.8 VDC
- Range:
3.3 - 4.2 VDC
LE910 V2 Series
Telit Wireless Solutions Inc.
3131 RDU Center Drive, Suite 135
Morrisville, NC 27560, USA
Phone +1 888 846 9773 or +1 919 439 7977
Fax
+1 888 846 9774 or +1 919 840 0337
E-Mail NORTHAMERICA @ telit.com
Telit Wireless Solutions Inc.
Rua Paes Leme, 524, Conj, 126
05424-101, Pinheiros
São Paulo-SP-Brazil
Phone +55 11 3031 5051
Fax
+55 11 3031 5051
E-Mail LATINAMERICA @ telit.com
Telit Wireless Solutions Co., Ltd.
8th Fl., Shinyoung Securities Bld.
6, Gukjegeumyung-ro8-gil, Yeongdeungpo-gu
Seoul, 150-884, Korea
Phone +82 2 368 4600
Fax
+82 2 368 4606
E-Mail APAC @telit.com
Join the Telit Technical Forum
For a quicker and more rewarding integration experience join
the Telit Technical Forum. There you can browse the first open
forum covering all IoT topics, get direct support by region
(EMEA, North America, Latin America, APAC), take part in this
quickly growing IoT community and exchange experiences.
www.telit.com
www.telit.com/techforum
www.telit.com/facebook
www.twitter.com/Telit_IoT
Telit Communications S.p.A.
Via Stazione di Prosecco, 5/B
I-34010 Sgonico (Trieste), Italy
Phone +39 040 4192 200
Fax
+39 040 4192 383
E-Mail EMEA @ telit.com
Telit reserves all rights to this document and the information contained herein. Products, names, logos
and designs described herein may in whole or in part be subject to intellectual property rights.
The information contained herein is provided “as is”. No warranty of any kind, either express or implied,
is made in relation to the accuracy, reliability, fitness for a particular purpose or content of this document.
This document may be revised by Telit at any time. For most recent documents, please visit www.telit.com
Copyright © 2017, Telit
* Copyright © 1990-2017, Python Software Foundation
*Single SKU option available for LE910-NA V2 with flexibility to
switch between AT&T/T-Mobile/Canada and Verizon software
configuration and vice versa, due to both bands subset support (B2,
B4, B5, B12, B13 for AT&T/T-Mobile/Canada and B2, B4, B13 for
Verizon) featuring a Fast Time Switch from one configuration to the
other one.
LE910-SV V2
LE910-NA V2
LE910-EU V2
LE910B4-NA
Market
North America
(Verizon)
North America
(AT&T, T-Mobile)
*
Europe
North America
(AT&T
)
Frequencies
4G bands (MHz)
B2(1900)
B4(AWS1700)
B13(700)
B2(1900),
B4(AWS1700),
B5(850),
B12/B13(700)
B1(2100),
B3(1800),
B7(2600),
B8(900),
B20(800)
B2(1900),
B4(AWS1700),
B5(850)
B12/B13(700)
3G bands (MHz)
B2(1900)
B5(850)
B
1(2100)
B8(900)
B2(1900)
B5(850)
2G bands (MHz)
B3(1800)
B8(900)
Voice
VoLTE
VoLTE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com